Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5822 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 1N5822
Description  Axial Lead Rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5822 Datasheet(HTML) 3 Page - ON Semiconductor

  1N5822 Datasheet HTML 1Page - ON Semiconductor 1N5822 Datasheet HTML 2Page - ON Semiconductor 1N5822 Datasheet HTML 3Page - ON Semiconductor 1N5822 Datasheet HTML 4Page - ON Semiconductor 1N5822 Datasheet HTML 5Page - ON Semiconductor 1N5822 Datasheet HTML 6Page - ON Semiconductor 1N5822 Datasheet HTML 7Page - ON Semiconductor 1N5822 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1N5820, 1N5821, 1N5822
http://onsemi.com
3
ORDERING INFORMATION
Device
Package
Shipping
1N5820
Axial Lead
500 Units/Bag
1N5820G
Axial Lead
(Pb−Free)
500 Units/Bag
1N5820RL
Axial Lead
1500/Tape & Reel
1N5820RLG
Axial Lead
(Pb−Free)
1500/Tape & Reel
1N5821
Axial Lead
500 Units/Bag
1N5821G
Axial Lead
(Pb−Free)
500 Units/Bag
1N5821RL
Axial Lead
1500/Tape & Reel
1N5821RLG
Axial Lead
(Pb−Free)
1500/Tape & Reel
1N5822
Axial Lead
500 Units/Bag
1N5822G
Axial Lead
(Pb−Free)
500 Units/Bag
1N5822RL
Axial Lead
1500/Tape & Reel
1N5822RLG
Axial Lead
(Pb−Free)
1500/Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - 1N5822

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1N5822 WTE-1N5822 Datasheet
45Kb / 4P
   3.0A SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
1N5822 MCC-1N5822 Datasheet
493Kb / 4P
   3 Amp Schottky Barrier Rectifier 20 - 40 Volts
logo
Motorola, Inc
1N5822 MOTOROLA-1N5822 Datasheet
168Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40 VOLTS
logo
New Jersey Semi-Conduct...
1N5822 NJSEMI-1N5822 Datasheet
128Kb / 1P
   SCHOTTKY BARRIER RECTIFIERS
logo
TAITRON Components Inco...
1N5822 TAITRON-1N5822 Datasheet
179Kb / 4P
   3A Schottky Barrier Rectifiers
More results

Similar Description - 1N5822

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR150 MOTOROLA-MBR150 Datasheet
95Kb / 4P
   Axial Lead Rectifiers
logo
ON Semiconductor
MBR835 ONSEMI-MBR835 Datasheet
138Kb / 4P
   Axial Lead Rectifiers
September, 2006 ??Rev. 2
MBR350 ONSEMI-MBR350_06 Datasheet
59Kb / 4P
   Axial Lead Rectifiers
June, 2006 ??Rev. 6
1N5817 ONSEMI-1N5817 Datasheet
75Kb / 7P
   Axial Lead Rectifiers
July, 2006 ??Rev. 10
MBR150 ONSEMI-MBR150 Datasheet
67Kb / 5P
   Axial Lead Rectifiers
June, 2006 ??Rev. 8
logo
New Jersey Semi-Conduct...
MBR115P NJSEMI-MBR115P Datasheet
133Kb / 2P
   AXIAL LEAD RECTIFIERS
logo
ON Semiconductor
MBR350 ONSEMI-MBR350 Datasheet
57Kb / 4P
   Axial Lead Rectifiers
December, 2004 ??Rev. 4
logo
Weitron Technology
SR320 WEITRON-SR320 Datasheet
637Kb / 3P
   Axial Lead Schottky Rectifiers
logo
SiPower Inc.
SPSL20200 SIPOWER-SPSL20200 Datasheet
398Kb / 3P
   Axial Lead Schottky Rectifiers
SPSL15200 SIPOWER-SPSL15200 Datasheet
396Kb / 3P
   Axial Lead Schottky Rectifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com