Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDC906PWG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDC906PWG4
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC906PWG4 Datasheet(HTML) 1 Page - Texas Instruments

  CDC906PWG4 Datasheet HTML 1Page - Texas Instruments CDC906PWG4 Datasheet HTML 2Page - Texas Instruments CDC906PWG4 Datasheet HTML 3Page - Texas Instruments CDC906PWG4 Datasheet HTML 4Page - Texas Instruments CDC906PWG4 Datasheet HTML 5Page - Texas Instruments CDC906PWG4 Datasheet HTML 6Page - Texas Instruments CDC906PWG4 Datasheet HTML 7Page - Texas Instruments CDC906PWG4 Datasheet HTML 8Page - Texas Instruments CDC906PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
www.ti.com
FEATURES
APPLICATIONS
TERMINAL ASSIGNMENT
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
S0/CLK_SEL
S1
V
CC
GND
CLK_IN0
CLK_IN1
GND
SDATA
SCLOCK
Y5
Y4
V
CCOUT2
GND
Y3
Y2
V
CCOUT1
GND
Y1
Y0
TSSOP 20
Pitch0,65mm
6.6x6.6
V
CC
CDC906
SCAS828 – SEPTEMBER 2006
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
3.3-V Device Power Supply
High Performance 2:6 PLL based Clock
Commercial Temperature Range 0
°C to 70°C
Synthesizer / Multiplier / Divider
Development and Programming Kit for Easy
User Programmable PLL Frequencies
PLL Design and Programming
(TI Pro-Clock™)
Easy In-Circuit Programming via SMBus Data
Interface
Packaged in 20-Pin TSSOP
Wide PLL Divider Ratio Allows 0-PPM Output
Factory Programmable for Customized
Clock Error
Default Settings are Available. Contact TI
Sales Fordes for Further Details.
Generates Precise Video (27 MHz or 54 MHz)
and Audio System Clocks from Multiple
Sampling Frequencies (fS = 16, 22.05, 24, 32,
Digital TV
44.1, 48, 96 kHz)
Printer / Scanner
Clock Inputs Accept a Crystal or a
Set Top Box
Single-Ended LVCMOS or a Differential Input
Signal
Video / Audio
Accepts Crystal Frequencies from 8 MHz up
to 54 MHz
Accepts LVCMOS or Differential Input
PW PACKAGE
(TOP VIEW)
Frequencies up to 167 MHz
Two Programmable Control Inputs [S0/S1] for
User Defined Control Signals
Six LVCMOS Outputs with Output
Frequencies up to 167 MHz
LVCMOS Outputs can be Programmed for
Complementary Signals
Free Selectable Output Frequency via
Programmable Output Switching Matrix [6x6]
Including 7-Bit Post-Divider for Each Output
PLL Loop Filter Components Integrated
Low Period Jitter (Typical 60 ps)
Features Spread Spectrum Clocking (SSC)
for Lowering System EMI
Programmable Center Spread SSC
Modulation (
±0.1%, ±0.25%, and ±0.4%) with a
Mean Phase Equal to the Phase of the
Non-Modulated Frequency
Programmable Down Spread SSC Modulation
(1%, 1.5%, 2%, and 3%)
Programmable Output Slew-Rate Control
(SRC) for Lowering System EMI
Separate Power Supplies for Outputs
(2.3 V to 3.6 V) Supports Mixed Power
Supply Environments
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Pro-Clock is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDC906PWG4

ManufacturerPart #DatasheetDescription
logo
Endress+Hauser Group Se...
CDC90 EH-CDC90 Datasheet
1Mb / 32P
   The smart system for automated measuring points
2022-03-04
logo
Sumida Corporation
CDC90D48 SUMIDA-CDC90D48 Datasheet
159Kb / 2P
   Ferrite drum core construction
CDC90D48NP-103MC SUMIDA-CDC90D48NP-103MC Datasheet
159Kb / 2P
   Ferrite drum core construction
CDC90D48NP-103MC SUMIDA-CDC90D48NP-103MC Datasheet
158Kb / 2P
   SMD Power Inductor
CDC90D48NP-123MC SUMIDA-CDC90D48NP-123MC Datasheet
159Kb / 2P
   Ferrite drum core construction
More results

Similar Description - CDC906PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC706 TI-CDC706 Datasheet
1Mb / 41P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE706 TI-CDCE706_10 Datasheet
1Mb / 40P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
CDCE706 TI-CDCE706 Datasheet
1Mb / 32P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE906 TI-CDCE906_10 Datasheet
1Mb / 42P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
logo
ON Semiconductor
NB3N65027 ONSEMI-NB3N65027 Datasheet
176Kb / 7P
   3.3V Programmable 3-PLL Clock Synthesizer
June, 2011 ??Rev. 2
logo
Texas Instruments
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
[Old version datasheet]   Programmable 2-PLL Clock Synthesizer
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com