Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL40510LDE Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # ZL40510LDE
Description  Dual Output DVD and CD 4 Channel Laser Diode Drivers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40510LDE Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  ZL40510LDE Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL40510LDE Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL40510LDE Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL40510LDE Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL40510LDE Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL40510LDE Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL40510LDE Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL40510LDE Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL40510LDE Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
ZL40510/14
Data Sheet
2
Zarlink Semiconductor Inc.
Figure 2 - Pinout of 4x4 mm 24 Pin QFN (top view)
Description
The ZL40510/14 are high performance laser drivers capable of driving two separate cathode grounded laser diodes
(e.g., 650 nm and 780 nm laser diodes).
The ZL40510/14 contain a 150 mA low-noise read channel (ChR), and three 500 mA write channels (Ch2, Ch3 and
Ch4). The read channel amplifies the positive current supplied at its reference input, INR, by a fixed factor of 100.
Write channels amplify the positive currents supplied at its reference inputs IN2, IN3, and IN4 by a fixed factor of
240.
An on-chip RF oscillator is provided for the reduction of laser mode hopping noise.
The ZL40510 offers higher tolerance performance.
24
23
22
13
14
1
2
3
4
5
6
21
20
19
18
17
16
15
ZL40510
VCC_A
VCC_B
GND
OUTA
OUTB
SELA
9
10
11
12
8
7
/EN4
EN4
/EN3
EN3
/EN2
EN2


Similar Part No. - ZL40510LDE

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40510LCE ZARLINK-ZL40510LCE Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40510LCF ZARLINK-ZL40510LCF Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
More results

Similar Description - ZL40510LDE

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40511 ZARLINK-ZL40511 Datasheet
3Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40510 ZARLINK-ZL40510 Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40511 ZARLINK-ZL40511_06 Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40539 ZARLINK-ZL40539 Datasheet
538Kb / 26P
   Dual Output CD and DVD 4 Channel Laser Diode Driver
logo
Maxim Integrated Produc...
MAX9483 MAXIM-MAX9483 Datasheet
650Kb / 15P
   Dual-Output, Multimode CD-RW/DVD Laser-Diode Drivers
Rev 0; 5/04
logo
Sony Corporation
CXA2680ER SONY-CXA2680ER Datasheet
52Kb / 2P
   Five-Channel Dual CD/DVD Laser Driver for Ultra Combo Drives
logo
ATMEL Corporation
ATR0885 ATMEL-ATR0885 Datasheet
130Kb / 6P
   3-output Laser Driver for HD-DVD/ Blu-ray/DVD/ CD-ROM
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
logo
Samsung semiconductor
S5L1462B SAMSUNG-S5L1462B Datasheet
199Kb / 43P
   CD and DVD playback
logo
ATMEL Corporation
AT78C1503 ATMEL-AT78C1503 Datasheet
107Kb / 14P
   DVD/CD Read Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com