Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3103E12DBVRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3103E12DBVRG4
Description  UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3103E12DBVRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS3103E12DBVRG4 Datasheet HTML 1Page - Texas Instruments TPS3103E12DBVRG4 Datasheet HTML 2Page - Texas Instruments TPS3103E12DBVRG4 Datasheet HTML 3Page - Texas Instruments TPS3103E12DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS3103E12DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS3103E12DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS3103E12DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS3103E12DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS3103E12DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
(TOPVIEW)
RESET
GND
MR
V
DD
PFI
TPS3103
DBVPACKAGE
PFO
3
2
4
6
1
5
(TOPVIEW)
RSTVDD
GND
MR
V
DD
SENSE
TPS3106
DBVPACKAGE
RSTSENSE
3
2
4
6
1
5
(TOPVIEW)
RESET
GND
MR
V
DD
SENSE
TPS3110
DBVPACKAGE
WDI
3
2
4
6
1
5
TypicalApplicationCircuit
TPS3106K33DBV
V
DD
RSTVDD
RSTSENSE
GND
SENSE
R1
R2
GND
V
CORE
V
IO
RESET
R3
DSP
3.3V
1.6V
GND
MR
TPS3103xxx
TPS3106xxx
TPS3110xxx
SLVS363D – AUGUST 2001 – REVISED NOVEMBER 2006
UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
• Precision Supply Voltage Supervision Range:
The TPS310x and TPS311x families of supervisory
0.9 V, 1.2 V, 1.5 V, 1.6 V, 2 V, and 3.3 V
circuits
provide
circuit
initialization
and
timing
supervision, primarily for DSP and processor-based
• High Trip-Point Accuracy: 0.75%
systems.
• Supply Current of 1.2 µA (typical)
During power-on, RESET is asserted when the
• RESET Defined With Input Voltages as Low as
supply voltage (VDD) becomes higher than 0.4 V.
0.4 V
Thereafter, the supervisory circuit monitors VDD and
• Power-On Reset Generator With a Delay Time
keeps the RESET output active as long as VDD
of 130 ms
remains below the threshold voltage (VIT). An internal
timer delays the return of the output to the inactive
• Push/Pull or Open-Drain RESET Outputs
state to ensure proper system reset. The delay time
• SOT23-6 Package
starts after VDD has risen above VIT. When VDD drops
• Package Temperature Range: –40°C to +85°C
below VIT, the output becomes active again.
All the devices of this family have a fixed-sense
threshold voltage (VIT) set by an internal voltage
• Applications Using Low-Power DSPs,
divider.
Microcontrollers, or Microprocessors
The TPS3103 and TPS3106 have an active-low,
• Portable- and Battery-Powered Equipment
open-drain RESET output. The TPS3110 has an
• Intelligent Instruments
active-low push/pull RESET.
• Wireless Communication Systems
The
product
spectrum
is
designed
for
supply
• Industrial Equipment
voltages of 0.9 V up to 3.3 V. The circuits are
• Notebook/Desktop Computers
available in SOT23-6 packages. The TPS31xx family
is characterized for operation over a temperature
range of –40
°C to +85°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS3103E12DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3103E12DBVRG4 TI-TPS3103E12DBVRG4 Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
TPS3103E12DBVRG4 TI-TPS3103E12DBVRG4 Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103E12DBVRG4 TI1-TPS3103E12DBVRG4 Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103E12DBVRG4 TI1-TPS3103E12DBVRG4 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
More results

Similar Description - TPS3103E12DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3103XXX TI-TPS3103XXX_1 Datasheet
525Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS31XXEXX TI-TPS31XXEXX Datasheet
298Kb / 19P
[Old version datasheet]   ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
TPS3106E16 TI-TPS3106E16 Datasheet
361Kb / 22P
[Old version datasheet]   ULTRALOW SUPPLY CURRENT/SUPPLY VOLTAGE SUPERVISORY CIRCUITS
TPS3103E12 TI1-TPS3103E12 Datasheet
755Kb / 25P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX_08 Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103-EP TI1-TPS3103-EP Datasheet
508Kb / 22P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3106-EP TI-TPS3106-EP_15 Datasheet
472Kb / 23P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX-EP TI1-TPS3103XXX-EP Datasheet
477Kb / 23P
[Old version datasheet]   Ultra-Low Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103 TI1-TPS3103 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Supply-Current Voltage Monitor With Optional Watchdog
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com