Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZL40122 Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part No. ZL40122
Description  High Speed, Current Feedback Quad Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZARLINK [Zarlink Semiconductor Inc]
Homepage  http://www.zarlink.com
Logo 

ZL40122 Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

 
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ZL40122
Data Sheet
3
Zarlink Semiconductor Inc.
Layout Considerations
Correct high frequency operation requires a considered PCB layout as stray capacitances have a strong influence
over high frequency operation for this de0ice. The Zarlink evaluation board serves as a good example layout that
should be copied. The following guidelines should be followed:
Include 6.8 uF tantalum and 0.1 uF ceramic capacitors on both positive and negative supplies
Remove the ground plane under and around the part, especially near the input and output pins to reduce
parasitic capacitances
Minimize all trace lengths to reduce series inductance


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn