Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZL40122 Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part No. ZL40122
Description  High Speed, Current Feedback Quad Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZARLINK [Zarlink Semiconductor Inc]
Homepage  http://www.zarlink.com
Logo 

ZL40122 Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

 
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 2003-2006, Zarlink Semiconductor Inc. All Rights Reserved.
Features
450 MHz small signal bandwidth
•1500 V/
µs slew rate
5.2 mA/channel static supply current
65 mA output current
120 MHz gain flatness to +/- 0. 1dB
14 pin SOIC
Applications
Video switchers/routers
Video line drivers
Twisted pair driver/receiver
Active filters
Description
The ZL40122 is a high speed, quad, current feedback
operational amplifier offering high performance at a
low cost. The device has a very high output current
drive capability of 65 mA while requiring only 5.2 mA of
static supply current. This feature makes the ZL40122
the ideal choice where a high density of high speed
devices is required.
The flat gain response to 120 MHz, 450 MHz small
signal bandwidth and 1500 V/
µs slew rate make the
device an excellent solution for video applications such
as driving video signals down significant cable lengths.
Other applications which may take advantage of the
ZL40122
superior
dynamic
performance
features
include low cost high order active filters and twisted pair
driver/receivers.
March 2006
Ordering Information
ZL40122/DCA
14 lead SOIC
Tubes
ZL40122/DCB
14 lead SOIC
Tape & Reel
ZL40122DCF1
14 lead SOIC*
Tape & Reel,
Bake & Drypack
ZL40122DCE1
14 lead SOIC*
Tubes, Bake & Drypack
*Pb Free Matte Tin
-40
°C to +85°C
ZL40122
High Speed, Current Feedback
Quad Operational Amplifier
Data Sheet
Figure 1 - Functional Block Diagram and Pin Connection
7
Out_1
In_n_1
In_p_1
In_p_2
In_n_2
Out_2
Out_4
In_n_4
In_p_4
V-
In_p_3
In_n_3
Out_3
ZL40122
V+
1
2
3
4
5
6
8
9
10
11
12
13
14
1
23
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn