Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8525D Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT8525D
Description  USB PD Port and Power Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8525D Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT8525D Datasheet HTML 6Page - Richtek Technology Corporation RT8525D Datasheet HTML 7Page - Richtek Technology Corporation RT8525D Datasheet HTML 8Page - Richtek Technology Corporation RT8525D Datasheet HTML 9Page - Richtek Technology Corporation RT8525D Datasheet HTML 10Page - Richtek Technology Corporation RT8525D Datasheet HTML 11Page - Richtek Technology Corporation RT8525D Datasheet HTML 12Page - Richtek Technology Corporation RT8525D Datasheet HTML 13Page - Richtek Technology Corporation RT8525D Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
RT1711P
10
DS1711P-00 February 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1. Stresses beyond those listed
“Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured under natural convection (still air) at TA = 25°C with the component mounted on a high effective-
thermal-conductivity four-layer test board on a JEDEC 51-7 thermal measurement standard.
θJC is measured at the
exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
(VCC = 3.3V, VVCONN = 5V, VBUS = 20V, TA = 25
°C, unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
N-MOSFET Gate Control Related Parameters
GP1A/GP1B
For N-MOSFET gate control
VBUS +
VVCONN - 1
VBUS +
VVCONN - 0.7
VBUS +
VVCONN - 0.2
V
GP2/GP3
For N-MOSFET gate control
VVDC +
VVCONN - 1
VVDC +
VVCONN - 0.7
VVDC +
VVCONN - 0.2
V
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
GPIO1 to GPIO5 Electrical Characteristics
Logic-Low Threshold Voltage
for Inputs
VIL_GPIO
--
--
0.4
V
Logic-High Threshold Voltage
for Inputs
VIH_GPIO
1.1
--
--
V
Logic-Low Threshold Voltage for
Outputs
VOL_GPIO
IOL = 4mA
--
--
0.4
V
Logic-High Threshold Voltage
for Outputs
VOH_GPIO
IOH = 4mA
VCC -
0.7V
--
--
V


Similar Part No. - RT8525D

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8525D RICHTEK-RT8525D Datasheet
237Kb / 12P
   Current Mode Boost Controller
More results

Similar Description - RT8525D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65986 TI1-TPS65986 Datasheet
2Mb / 109P
[Old version datasheet]   USB Type-C and USB PD Controller and Power Switch
TPS65988 TI1-TPS65988 Datasheet
9Mb / 83P
[Old version datasheet]   Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
TPS65988DJ TI1-TPS65988DJ Datasheet
9Mb / 82P
[Old version datasheet]   Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
TPS65981 TI1-TPS65981 Datasheet
140Kb / 7P
[Old version datasheet]   USB Type-C and USB PD Controller Power Switch
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
   USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
   USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
   Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
FUSB15201 ONSEMI-FUSB15201_V01 Datasheet
594Kb / 19P
   Dual Port USB Type-C & PD Controller
August, 2022 - Rev. 4
logo
Maxim Integrated Produc...
MAX25430 MAXIM-MAX25430 Datasheet
3Mb / 120P
   Automotive 100W USB-PD Buck-Boost Port Controller and Protector
19-100826; Rev 0; 7/20
logo
Texas Instruments
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
[Old version datasheet]   USB Type-C and USB PD Source Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com