Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8525D Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT8525D
Description  USB PD Port and Power Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8525D Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT8525D Datasheet HTML 4Page - Richtek Technology Corporation RT8525D Datasheet HTML 5Page - Richtek Technology Corporation RT8525D Datasheet HTML 6Page - Richtek Technology Corporation RT8525D Datasheet HTML 7Page - Richtek Technology Corporation RT8525D Datasheet HTML 8Page - Richtek Technology Corporation RT8525D Datasheet HTML 9Page - Richtek Technology Corporation RT8525D Datasheet HTML 10Page - Richtek Technology Corporation RT8525D Datasheet HTML 11Page - Richtek Technology Corporation RT8525D Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
RT1711P
8
DS1711P-00 February 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
BMC Common Normative Requirements
Time to cease driving the line
after the end of the last bit of
the Frame.
tEndDriveBMC
--
--
23
s
Fall Time
tF
300
--
--
ns
Time to cease driving the line
after the final high-to-low
transition
tHoldLowBMC
1
--
--
s
Rise Time
tR
300
--
--
ns
Voltage Swing
VSWING
1.05
1.125
1.2
V
Transmitter Output Impedance
ZDRIVER
33
--
75

BMC Receiver Normative Requirements
Time Window for Detecting
Non-Idle
tTransitionWindow
12
--
20
s
Receiver Input Impedance
ZBMCRX
1
--
--
M
Power Consumption
Disable Mode Current
IDM
VCONN supply on power
on state, I2C pull low and
no transaction
--
25
--
A
VCONN supply off power
on state, I2C pull low and
no transaction
--
15
--
Idle Mode Current
(As a source)
ISBID1
Cable attached with Ra, Rd
--
360
--
A
Cable attached with Rd
290
Idle Mode Current
(As a sink)
ISBID2
Cable attached
--
180
--
A
Low-Power Mode
IUL
Cable unattached VCONN
supply on, DRP toggle
--
IVCC = 35
--
A
--
IVCONN =
20
--
Cable unattached VCONN
supply off, DRP toggle.
--
IVCC = 25
--
Type-C Port Control
VCONN Switch On-Resistance
RON_VCONN
--
--
1
VCONN OCP Range
IOCP_VCONN
200
--
600
mA
VCONN Switched-On Time
tSOFT_VCONN
--
1.2
--
ms
DFP 80
A CC Current
ICC_DFP80
64
80
96
A
DFP 180
A CC Current
ICC_DFP180
166
180
194
A
DFP 330
A CC Current
ICC_DFP330
304
330
356
A
UFP Pull-Down Resistance
through Each CC Pin
Rd
4.59
5.1
5.61
k


Similar Part No. - RT8525D

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8525D RICHTEK-RT8525D Datasheet
237Kb / 12P
   Current Mode Boost Controller
More results

Similar Description - RT8525D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65986 TI1-TPS65986 Datasheet
2Mb / 109P
[Old version datasheet]   USB Type-C and USB PD Controller and Power Switch
TPS65988 TI1-TPS65988 Datasheet
9Mb / 83P
[Old version datasheet]   Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
TPS65988DJ TI1-TPS65988DJ Datasheet
9Mb / 82P
[Old version datasheet]   Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
TPS65981 TI1-TPS65981 Datasheet
140Kb / 7P
[Old version datasheet]   USB Type-C and USB PD Controller Power Switch
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
   USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
   USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
   Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
FUSB15201 ONSEMI-FUSB15201_V01 Datasheet
594Kb / 19P
   Dual Port USB Type-C & PD Controller
August, 2022 - Rev. 4
logo
Maxim Integrated Produc...
MAX25430 MAXIM-MAX25430 Datasheet
3Mb / 120P
   Automotive 100W USB-PD Buck-Boost Port Controller and Protector
19-100826; Rev 0; 7/20
logo
Texas Instruments
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
[Old version datasheet]   USB Type-C and USB PD Source Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com