Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

594D390X0-016C2T Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 594D390X0-016C2T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV, Low ESR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

594D390X0-016C2T Datasheet(HTML) 3 Page - Vishay Siliconix

  594D390X0-016C2T Datasheet HTML 1Page - Vishay Siliconix 594D390X0-016C2T Datasheet HTML 2Page - Vishay Siliconix 594D390X0-016C2T Datasheet HTML 3Page - Vishay Siliconix 594D390X0-016C2T Datasheet HTML 4Page - Vishay Siliconix 594D390X0-016C2T Datasheet HTML 5Page - Vishay Siliconix 594D390X0-016C2T Datasheet HTML 6Page - Vishay Siliconix 594D390X0-016C2T Datasheet HTML 7Page - Vishay Siliconix 594D390X0-016C2T Datasheet HTML 8Page - Vishay Siliconix 594D390X0-016C2T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.vishay.com
68
594D
Vishay Sprague
Document Number 40006
Revision 09-Mar-05
For technical questions, contact tantalum@vishay.com
35 WVDC @ + 85
°C, SURGE = 46 V . . . 23 WVDC @ + 125°C, SURGE = 28 V
2.2
4.7
6.8
15
15
22
33
47
594D225X_035B2T
594D475X_035B2T
594D685X_035C2T
594D156X_035C2T
594D156X_035D2T
594D226X_035D2T
594D336X_035R2T
594D476X_035R2T
B
B
C
C
D
D
R
R
1.70
1.40
0.43
0.40
0.27
0.27
0.20
0.20
6
6
6
6
6
6
6
6
0.8
1.6
2.4
5.3
5.3
7.7
11.6
16.6
0.22
0.25
0.51
0.52
0.75
0.75
1.12
1.12
Max. DF
@ + 25
°C
120 Hz
(%)
Max. ESR
@ + 25
°C
100kHz
(Ohms)
PART NUMBER**
CASE
CODE
CAPACITANCE
(
µF)
Max. RIPPLE
100kHz
Irms
(Amps)
Max. DCL
@ + 25
°C
(
µA)
4.7
6.8
10
22
22
47
47
100
120
3.3
10
15
22
33
47
68
68
100
594D475X_020B2T
594D685X_020B2T
594D106X_020B2T
594D226X_020B2T
594D226X_020C2T
594D476X_020C2T
594D476X_020D2T
594D107X_020D2T
594D127X_020R2T
B
B
B
B
C
C
D
D
R
0.90
0.90
0.85
0.60
0.150
0.140
0.095
0.085
0.080
0.9
1.4
2.0
4.4
4.4
9.4
9.4
20
24
6
6
6
6
6
6
6
8
8
0.31
0.31
0.32
0.38
0.86
0.89
1.26
1.33
1.77
0.24
0.31
0.70
0.74
1.05
1.07
1.00
1.60
1.67
25 WVDC @ + 85
°C, SURGE = 32 V . . . 17 WVDC @ + 125°C, SURGE = 20 V
20 WVDC @ + 85
°C, SURGE = 26 V . . . 13 WVDC @ + 125°C, SURGE = 16 V
0.39
0.41
0.86
0.34
1.00
0.95
1.26
1.17
1.41
1.33
2.13
2.13
2.13
16 WVDC @ + 85
°C, SURGE = 20 V . . . 10 WVDC @ + 125°C, SURGE = 12 V
15
33
47
68
68
100
100
150
150
220
220
330
330
470
680
10 WVDC @ + 85
°C, SURGE = 13 V . . . 7 WVDC @ + 125°C, SURGE = 8 V
*Preliminary values, contact factory for availability. For 10% tolerance, specify "9"; for 20% tolerance, change to "0". Extended Range ratings in bold print.
594D335X_025B2T
594D106X_025B2T
594D156X_025C2T
594D226X_025C2T
594D336X_025D2T
594D476X_025D2T
594D686X_025D2T
594D686X_025R2T
594D107X_025R2T
B
B
C
C
D
D
D
R
R
1.50
0.900
0.220
0.200
0.130
0.130
0.150
0.095
0.090
6
6
6
6
6
6
6
6
8
0.8
2.5
3.8
5.5
8.3
11.8
17
17
25
15
33
33
47
47
68
68
100
100
150
180
220
330
594D156X_016B2T
594D336X_016B2T
594D336X_016C2T
594D476X_016B2T
594D476X_016C2T
594D686X_016C2T
594D686X_016D2T
594D107X_016C2T
594D107X_016D2T
594D157X_016D2T
594D187X_016R2T
594D227X_016R2T
594D337X_016R2T
B
B
C
B
C
C
D
C
D
D
R
R
R
0.55
0.500
0.150
0.72
0.110
0.123
0.095
0.080
0.075
0.085
0.055
0.055
0.055
2.4
5.3
5.3
7.5
7.5
10.9
10.9
16
16
24
28.8
35.2
52.8
6
6
6
6
6
6
6
8
8
8
8
8
8
594D156X_010B2T
594D336X_010B2T
594D476X_010B2T
594D686X_010B2T
594D686X_010C2T
594D107X_010B2T
594D107X_010C2T
594D157X_010C2T
594D157X_010D2T
594D227X_010C2T
594D227X_010D2T
594D337X_010D2T
594D337X_010R2T
594D477X_010R2T
594D687X_010R2T
B
B
B
B
C
B
C
C
D
C
D
D
R
R
R
6
6
6
6
6
12
8
8
8
8
8
8
8
10
14
1.5
3.3
4.7
6.8
6.8
10
10
15
15
22
22
33
33
47
68
0.50
0.50
0.40
0.350
0.100
0.250
0.095
0.090
0.075
0.100
0.065
0.065
0.045
0.045
0.045
0.41
0.41
0.46
0.49
1.05
0.57
1.08
1.11
1.41
1.05
1.52
1.52
2.36
2.36
2.36
STANDARD / EXTENDED RATINGS


Similar Part No. - 594D390X0-016C2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D3976R3R VISHAY-594D3976R3R Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D3976R3R VISHAY-594D3976R3R Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D397X_6R3R2T VISHAY-594D397X_6R3R2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
More results

Similar Description - 594D390X0-016C2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
594D476X9016C2T VISHAY-594D476X9016C2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
594D686X0010C2T VISHAY-594D686X0010C2T Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D108X06R3R2T VISHAY-594D108X06R3R2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
591D VISHAY-591D Datasheet
146Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision 22-Nov-04
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com