Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL30415 Datasheet(PDF) 14 Page - Zarlink Semiconductor Inc

Part # ZL30415
Description  SONET/SDH Clock Multiplier PLL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL30415 Datasheet(HTML) 14 Page - Zarlink Semiconductor Inc

Back Button ZL30415_06 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL30415_06 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL30415_06 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL30415_06 Datasheet HTML 13Page - Zarlink Semiconductor Inc ZL30415_06 Datasheet HTML 14Page - Zarlink Semiconductor Inc ZL30415_06 Datasheet HTML 15Page - Zarlink Semiconductor Inc ZL30415_06 Datasheet HTML 16Page - Zarlink Semiconductor Inc ZL30415_06 Datasheet HTML 17Page - Zarlink Semiconductor Inc ZL30415_06 Datasheet HTML 18Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ZL30415
Data Sheet
14
Zarlink Semiconductor Inc.
† Voltages are with respect to ground unless otherwise stated.
‡ Typical figures are for design aid only: not guaranteed and not subject to production testing.
Supply voltage and operating temperature are as per Recommended Operating Conditions.
Note 1: The ILVPECL current is determined by the external termination network connected to LVPECL outputs. More than 25% of this
current (10 mA) flows outside the chip and it does not contribute to the internal power dissipation. The Supply Current value
listed in the table includes this current to reflect total current consumption of the ZL30415 and the attached LVPECL
termination network.
Note 2: LVPECL outputs terminated with ZT = 50 Ω resistors biased to VCC-2V (see Figure 9).
† Voltages are with respect to ground unless otherwise stated.
Figure 11 - Output Timing Parameter Measurement Voltage Levels
8
CMOS: Low-level output
voltage
VOL
0.4
V
IOL = 4 mA
9
CMOS: C19o output rise time
TR
1.8
3.3
ns
18 pF load
10
CMOS: C19o output fall time
TF
1.1
1.4
ns
18 pF load
11
LVPECL: Differential output
voltage
IVOD_LVPECLI
1.30
V
for 622 MHz
Note 2
12
LVPECL: Offset voltage
VOS_LVPECL
Vcc-
1.38
Vcc-
1.27
Vcc-
1.15
V
for 622 MHz
Note 2
13
LVPECL: Output rise/fall times
TRF
260
ps
for 622 MHz
Note 2
AC Electrical Characteristics- Output Timing Parameters Measurement Voltage Levels
Characteristics
Sym.
CMOS
LVPECL
Units
1
Threshold voltage
VT-CMOS
VT-LVPECL
0.5VDD
0.5VOD_LVPECL
V
2
Rise and fall threshold voltage high
VHM
0.7VDD
0.8VOD_LVPECL
V
3
Rise and fall threshold voltage low
VLM
0.3VDD
0.2VOD_LVPECL
V
DC Electrical Characteristics(continued)
Characteristics
Sym.
Min.
Typ.
Max.
Units
Notes
VT
All Signals
VHM
VLM
tIF, tOF
tIR, tOR
Timing Reference Points


Similar Part No. - ZL30415_06

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30415GGC ZARLINK-ZL30415GGC Datasheet
347Kb / 23P
   SONET/SDH Clock Multiplier PLL
More results

Similar Description - ZL30415_06

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30416 ZARLINK-ZL30416 Datasheet
340Kb / 22P
   SONET/SDH Clock Multiplier PLL
ZL30415 ZARLINK-ZL30415 Datasheet
347Kb / 23P
   SONET/SDH Clock Multiplier PLL
ZL30406 ZARLINK-ZL30406_06 Datasheet
249Kb / 21P
   SONET/SDH Clock Multiplier PLL
ZL30416 ZARLINK-ZL30416_06 Datasheet
871Kb / 22P
   SONET/SDH Clock Multiplier PLL
ZL30406 ZARLINK-ZL30406 Datasheet
307Kb / 21P
   SONET/SDH Clock Multiplier PLL
ZL30414 ZARLINK-ZL30414 Datasheet
421Kb / 24P
   SONET/SDH Clock Multiplier PLL
logo
Silicon Laboratories
SI5321 SILABS-SI5321 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
List of Unclassifed Man...
SI5321 ETC-SI5321 Datasheet
606Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 ETC1-SI5320 Datasheet
538Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Silicon Laboratories
SI5318 SILABS-SI5318 Datasheet
598Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com