Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C6T144I7ES Datasheet(PDF) 26 Page - Altera Corporation

Part # EP1C6T144I7ES
Description  Cyclone FPGA Family Data Sheet
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C6T144I7ES Datasheet(HTML) 26 Page - Altera Corporation

Back Button EP1C6T144I7ES Datasheet HTML 22Page - Altera Corporation EP1C6T144I7ES Datasheet HTML 23Page - Altera Corporation EP1C6T144I7ES Datasheet HTML 24Page - Altera Corporation EP1C6T144I7ES Datasheet HTML 25Page - Altera Corporation EP1C6T144I7ES Datasheet HTML 26Page - Altera Corporation EP1C6T144I7ES Datasheet HTML 27Page - Altera Corporation EP1C6T144I7ES Datasheet HTML 28Page - Altera Corporation EP1C6T144I7ES Datasheet HTML 29Page - Altera Corporation EP1C6T144I7ES Datasheet HTML 30Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 104 page
background image
2–20
Altera Corporation
Preliminary
January 2007
Cyclone Device Handbook, Volume 1
signal. The output registers can be bypassed. Pseudo-asynchronous
reading is possible in the simple dual-port mode of M4K blocks by
clocking the read enable and read address registers on the negative clock
edge and bypassing the output registers.
When configured as RAM or ROM, you can use an initialization file to
pre-load the memory contents.
Two single-port memory blocks can be implemented in a single M4K
block as long as each of the two independent block sizes is equal to or less
than half of the M4K block size.
The Quartus II software automatically implements larger memory by
combining multiple M4K memory blocks. For example, two 256×16-bit
RAM blocks can be combined to form a 256×32-bit RAM block. Memory
performance does not degrade for memory blocks using the maximum
number of words allowed. Logical memory blocks using less than the
maximum number of words use physical blocks in parallel, eliminating
any external control logic that would increase delays. To create a larger
high-speed memory block, the Quartus II software automatically
combines memory blocks with LE control logic.
Parity Bit Support
The M4K blocks support a parity bit for each byte. The parity bit, along
with internal LE logic, can implement parity checking for error detection
to ensure data integrity. You can also use parity-size data words to store
user-specified control bits. Byte enables are also available for data input
masking during write operations.
Shift Register Support
You can configure M4K memory blocks to implement shift registers for
DSP applications such as pseudo-random number generators, multi-
channel filtering, auto-correlation, and cross-correlation functions. These
and other DSP applications require local data storage, traditionally
implemented with standard flip-flops, which can quickly consume many
logic cells and routing resources for large shift registers. A more efficient
alternative is to use embedded memory as a shift register block, which
saves logic cell and routing resources and provides a more efficient
implementation with the dedicated circuitry.
The size of a w × m × n shift register is determined by the input data width
(w), the length of the taps (m), and the number of taps (n). The size of a
w × m × n shift register must be less than or equal to the maximum number
of memory bits in the M4K block (4,608 bits). The total number of shift


Similar Part No. - EP1C6T144I7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C6T144I7 ALTERA-EP1C6T144I7 Datasheet
1Mb / 94P
   Cyclone FPGA Family
More results

Similar Description - EP1C6T144I7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
logo
Xilinx, Inc
XC3SD3400A-5FG676C XILINX-XC3SD3400A-5FG676C Datasheet
2Mb / 101P
   Spartan-3A DSP FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com