Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5036A Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS5036A
Description  Six Channel Digital Audio PWM Processor
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036A Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5036A Datasheet HTML 3Page - Texas Instruments TAS5036A Datasheet HTML 4Page - Texas Instruments TAS5036A Datasheet HTML 5Page - Texas Instruments TAS5036A Datasheet HTML 6Page - Texas Instruments TAS5036A Datasheet HTML 7Page - Texas Instruments TAS5036A Datasheet HTML 8Page - Texas Instruments TAS5036A Datasheet HTML 9Page - Texas Instruments TAS5036A Datasheet HTML 10Page - Texas Instruments TAS5036A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
Introduction
1
SLES061B—November 2002—Revised January 2004
TAS5036A
1
Introduction
The TAS5036A is an innovative, cost-effective, high-performance 24-bit six-channel digital pulse-width
modulator (PWM) based on Equibit
 technology. Combined with a TI PurePath Digital audio amplifier power
stage, these devices use noise-shaping and sophisticated error-correction algorithms to achieve high power
efficiency and high-performance digital audio reproduction. The TAS5036A is designed to drive up to six digital
power devices to provide six channels of digital audio amplification. The digital power devices can be six
conventional monolithic power stages (such as the TAS5110) or six discrete differential power stages using
gate drivers and MOSFETs.
The TAS5036A has six independent volume controls and mute. The device operates in AD and BD modes.
This all-digital audio system contains only two analog components in the signal chain—an LC low-pass filter
at each speaker terminal—and can provide up to 96-dB SNR at the speaker terminals. The TAS5036A has
a wide variety of serial input options including right justified (16-, 20-, or 24-bit), I2S (16-, 20-, or 24-bit) left
justified, and DSP (16-bit) data formats. The device is fully compatible with AES standard sampling rates of
44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz, 176.4 kHz, and 192 kHz, including de-emphasis for 44.1-kHz and 48-kHz
sample rates. The TAS5036A plus the TAS51xx power stage device combination was designed for home
theater applications such as DVD minicomponent systems, home theater in a box (HTIB), DVD receiver, A/V
receiver, or TV sets.
1.1
Features
TI PurePath Digital Audio Amplifier
High-Quality Audio
100-dB SNR
<0.005% THD+N
Six-Channel Volume Control
Patented Soft Volume
Patented Soft Mute
16-, 20-, or 24-Bit Input Data
Sampling Rates: 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz, 176.4 kHz, and 192 kHz
Supports Master and Slave Modes
3.3-V Power Supply Operation
Economical 80-Pin TQFP Package
De-Emphasis: 32 kHz, 44.1 kHz, and 48 kHz
Clock Oscillator Circuit for Master Modes
Low-Jitter Internal PLL
Soft Volume and Mute Update
Equibit and PurePath Digital are trademarks of Texas Instruments.
Other trademarks are the property of their respective owners.


Similar Part No. - TAS5036A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5036A TI-TAS5036A Datasheet
773Kb / 62P
[Old version datasheet]   SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5036AIPFC TI-TAS5036AIPFC Datasheet
773Kb / 62P
[Old version datasheet]   SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5036AIPFCR TI-TAS5036AIPFCR Datasheet
773Kb / 62P
[Old version datasheet]   SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5036APFC TI-TAS5036APFC Datasheet
773Kb / 62P
[Old version datasheet]   SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5036APFCR TI-TAS5036APFCR Datasheet
773Kb / 62P
[Old version datasheet]   SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
More results

Similar Description - TAS5036A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5026A TI-TAS5026A Datasheet
769Kb / 62P
[Old version datasheet]   Six-Channel Digital Audio PWM Processor
TAS5066 TI1-TAS5066 Datasheet
838Kb / 64P
[Old version datasheet]   SIX-CHANNEL Digital Audio PWM Processor
TAS5076PFC TI-TAS5076PFC Datasheet
800Kb / 64P
[Old version datasheet]   Six-Channel Digital Audio PWM Processor
TAS5036A TI-TAS5036A Datasheet
773Kb / 62P
[Old version datasheet]   SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5026 TI-TAS5026 Datasheet
689Kb / 48P
[Old version datasheet]   SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5036 TI-TAS5036 Datasheet
713Kb / 49P
[Old version datasheet]   SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5076 TI-TAS5076 Datasheet
835Kb / 62P
[Old version datasheet]   SIX-CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5036B TI-TAS5036B_06 Datasheet
823Kb / 58P
[Old version datasheet]   Six Channel Digital Audio PWM Processor
TAS5086 TI-TAS5086_15 Datasheet
940Kb / 49P
[Old version datasheet]   PurePath Digital??AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086 TI1-TAS5086_17 Datasheet
1Mb / 49P
[Old version datasheet]   PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com