Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5015 Datasheet(PDF) 13 Page - Texas Instruments

Part # TAS5015
Description  TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5015 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5015_06 Datasheet HTML 9Page - Texas Instruments TAS5015_06 Datasheet HTML 10Page - Texas Instruments TAS5015_06 Datasheet HTML 11Page - Texas Instruments TAS5015_06 Datasheet HTML 12Page - Texas Instruments TAS5015_06 Datasheet HTML 13Page - Texas Instruments TAS5015_06 Datasheet HTML 14Page - Texas Instruments TAS5015_06 Datasheet HTML 15Page - Texas Instruments TAS5015_06 Datasheet HTML 16Page - Texas Instruments TAS5015_06 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TAS5015
SLES017 – SEPTEMBER 2001
13
www.ti.com
recommended operating conditions, TA = 25°C,
DVDD1 = DVDD2 = DVDD3_L = DVDD3_R = 3.3 V
±10%, AVDD1 = AVDD2 = 3.3 V ±10%, Fs = 44.1 kHz
MIN
TYP
MAX
UNIT
Supply voltage
Digital
DVDDX†
3
33
36
V
Supply voltage
Analog
AVDDX§
3
3.3
3.6
V
Digital
Operating
22
mA
Supply current
Digital
Power down‡
10
20
µA
Supply current
Analog
Operating
1
mA
Analog
Power down‡
10
100
µA
Digital
Operating
59.4
mW
Power dissipation
Digital
Power down‡
6.6
72
µW
Power dissipation
Analog
Operating
3.3
mW
Analog
Power down‡
33
360
µW
† DVDD1, DVDD2, DVDD3_L, DVDD3_R
‡ If the clocks are turned off
§ AVDD1, AVDD2
electrical characteristics, TA = 25°C, DVDD1 = DVDD2 = DVDD3_L = DVDD3_R = 3.3 V ±10%,
AVDD1 = AVDD2 = 3.3 V
±10%
static digital specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
2
DVDD1
V
VIL
Low-level input voltage
0
0.8
V
VOH
High-level output voltage
IO = –1 mA
2.4
V
VOL
Low-level output voltage
IO = 4 mA
0.4
V
Input leakage current
–10
10
µA
digital interpolation filter and PWM modulator, Fs = 44.1 kHz
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Pass band
0
20
kHz
Pass-band ripple
±0.012
dB
Stop band
24.1
kHz
Stop-band attenuation
24.1 kHz to 152.3 kHz
50
dB
Group delay
700
µS
PWM modulation index (gain)
0.93
dB
TAS5015/TAS5110 system performance measured at the speaker terminals
See the Design Consideration for TAS5000/TAS5100 True Digital Audio Power Amplifiers application note,
Texas Instruments literature number SLAA117 for values.


Similar Part No. - TAS5015_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5015IPFB TI-TAS5015IPFB Datasheet
240Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5015 DIGITAL AUDIO PWM PROCESSOR
TAS5015PFB TI-TAS5015PFB Datasheet
240Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5015 DIGITAL AUDIO PWM PROCESSOR
More results

Similar Description - TAS5015_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5001 TI-TAS5001_06 Datasheet
244Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5010 TI-TAS5010_06 Datasheet
262Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012_06 Datasheet
245Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012 Datasheet
230Kb / 18P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5012 DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001_15 Datasheet
407Kb / 21P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS50001 DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015 Datasheet
240Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5015 DIGITAL AUDIO PWM PROCESSOR
TAS5010 TI-TAS5010 Datasheet
229Kb / 18P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5010 DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001 Datasheet
229Kb / 18P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5001 DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012_15 Datasheet
232Kb / 18P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS 5012 DIGITAL AUDIO PWM PROCESSOR
TAS5010 TI-TAS5010_15 Datasheet
404Kb / 21P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS 5010 DIGITAL AUDIO PWM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com