Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA6J20CA-TR Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMA6J20CA-TR
Description  High junction temperature Transil TM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6J20CA-TR Datasheet(HTML) 3 Page - STMicroelectronics

  SMA6J20CA-TR Datasheet HTML 1Page - STMicroelectronics SMA6J20CA-TR Datasheet HTML 2Page - STMicroelectronics SMA6J20CA-TR Datasheet HTML 3Page - STMicroelectronics SMA6J20CA-TR Datasheet HTML 4Page - STMicroelectronics SMA6J20CA-TR Datasheet HTML 5Page - STMicroelectronics SMA6J20CA-TR Datasheet HTML 6Page - STMicroelectronics SMA6J20CA-TR Datasheet HTML 7Page - STMicroelectronics SMA6J20CA-TR Datasheet HTML 8Page - STMicroelectronics SMA6J20CA-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SMA6J
Characteristics
3/10
Table 4.
Electrical characteristics - values (Tamb = 25° C)
Type
IRM max@VRM
VBR @IR
(1)
VCL @IPP
10/1000 µs
RD
(2)
10/1000 µs
VCL @IPP
8/20 µs
RD
(2)
8/20 µs
αT(3)
25° C 85° C
min
typ
max
max
max
max
µA
V
V
mA
V
A
Ω
VA
Ω
10-4/°C
SMA6J5.0A/CA
10
50
5.0 6.40 6.74 7.07 10
9.1
68
0.029
13.4 298
0.021
5.7
SMA6J6.0A/CA
10
50
6.0 6.70 7.05 7.41 10
9.5
61
0.034
13.7 290
0.022
5.9
SMA6J6.5A/CA
10
50
6.5 7.20 7.58 7.96 10
10.2
56
0.040
14.5 276
0.024
6.1
SMA6J8.5A/CA
10
50
8.5
9.4
9.9
10.4
1
13.3 41.7
0.070
18.7 205
0.041
7.3
SMA6J10A/CA
0.2
1
10
11.1 11.7 12.3
1
15.7
37
0.093
19.6 184
0.040
7.8
SMA6J12A/CA
0.2
1
12
13.3 14.0 14.7
1
18.8
31
0.133
23.5 157
0.056
8.3
SMA6J13A/CA
0.2
1
13
14.4 15.2 15.9
1
20.4
29
0.154
23.9 147
0.054
8.4
SMA6J15A/CA
0.2
1
15
16.7 17.6 18.5
1
23.6 25.1
0.206
27.7 123
0.075
8.8
SMA6J18A/CA
0.2
1
18
20.0 21.1 22.1
1
28.3 21.5
0.288
33.2 102
0.108
9.2
SMA6J20A/CA
0.2
1
20
22.2 23.4 24.5
1
31.4 19.4
0.354
36.8
93
0.132
9.4
SMA6J24A/CA
0.2
1
24
26.7 28.1 29.5
1
37.8
16
0.516
44.3
80
0.184
9.6
SMA6J26A/CA
0.2
1
26
28.9 30.4 31.9
1
40.9 14.9
0.600
47.9
75
0.213
9.7
SMA6J28A/CA
0.2
1
28
31.1 32.7 34.4
1
44.0 13.8
0.697
51.6
68
0.253
9.8
SMA6J33A/CA
0.2
1
33
36.7 38.6 40.6
1
51.9 11.8
0.963
60.8
57
0.356
10.0
SMA6J40A/CA
0.2
1
40
44.4 46.7 49.1
1
62.8
9.7
1.42
73.6
48
0.511
10.1
SMA6J48A/CA
0.2
1
48
53.3 56.1 58.9
1
75.4
8.1
2.04
88.4
40
0.736
10.3
SMA6J58A/CA
0.2
1
58
64.4 67.8 71.2
1
91.1
6.7
2.97
100
33
0.863
10.4
SMA6J70A/CA
0.2
1
70
77.8 81.9 86.0
1
110
5.5
4.38
120
27
1.27
10.5
SMA6J85A/CA
0.2
1
85
94
99
104
1
134
4.6
6.45
146 22.5
1.85
10.6
SMA6J100A/CA
0.2
1
100 111
117
123
1
157
3.8
9.03
172
19
2.58
10.7
SMA6J130A/CA
0.2
1
130 144
152
159
1
204
3
14.9
223
15
4.24
10.8
SMA6J154A/CA
0.2
1
154 171
180
189
1
242
2.4
22.1
265 12.6
6.00
10.8
SMA6J170A/CA
0.2
1
170 189
199
209
1
275
2.2
30.0
292 11.3
7.39
10.8
SMA6J188A/CA
0.2
1
188 209
220
231
1
328
2
48.5
323 10.3
8.97
10.8
1.
Pulse test: tp <50ms.
2.
To calculate maximum clamping voltage at other surge currents, use the following formula
VCLmax = RD x IPP + VBRmax
3.
To calculate VBR versus junction temperature, use the following formula:
VBR @ Tj = VBR @ 25 ° C x (1 + αT x (Tj - 25))
100
50
%IPP
tr
tp
0
t
Repetitive peak pulse current
tr = rise time (µs)
tp = pulse duration time (µs)


Similar Part No. - SMA6J20CA-TR

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMA6J20CA-C SECOS-SMA6J20CA-C Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
logo
Bourns Electronic Solut...
SMA6J20CA-Q BOURNS-SMA6J20CA-Q Datasheet
159Kb / 6P
   SMA6J-Q Transient Voltage Suppressor Diode Series
REV. 10/20
More results

Similar Description - SMA6J20CA-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMA6J_0711 STMICROELECTRONICS-SMA6J_0711 Datasheet
117Kb / 10P
   High junction temperature Transil
SMM4F STMICROELECTRONICS-SMM4F Datasheet
111Kb / 10P
   High junction temperature Transil?
SMA6F STMICROELECTRONICS-SMA6F Datasheet
105Kb / 9P
   High junction temperature Transil
SMA4F STMICROELECTRONICS-SMA4F Datasheet
102Kb / 9P
   High junction temperature Transil?
September 2008 Rev 1
SMM4F15A-TR STMICROELECTRONICS-SMM4F15A-TR Datasheet
112Kb / 10P
   High junction temperature Transil
SMA6F13A-TR STMICROELECTRONICS-SMA6F13A-TR Datasheet
101Kb / 9P
   High junction temperature Transil?
1-5KE6V8A STMICROELECTRONICS-1-5KE6V8A Datasheet
150Kb / 6P
   TRANSIL-TM
ESDA6V1B1 STMICROELECTRONICS-ESDA6V1B1 Datasheet
61Kb / 6P
   TRANSIL-TM ARRAY FOR ESD PROTECTION
SM6HT STMICROELECTRONICS-SM6HT Datasheet
51Kb / 6P
   HIGH TEMPERATURE TRANSIL FOR AUTOMOTIVE APPLICATIONS
logo
Silikron Semiconductor ...
SSBD10L100CT SILIKRON-SSBD10L100CT Datasheet
462Kb / 6P
   High Junction Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com