Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RMPA2458_059 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. RMPA2458_059
Description  2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RMPA2458_059 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  RMPA2458_059 Datasheet HTML 1Page - Fairchild Semiconductor RMPA2458_059 Datasheet HTML 2Page - Fairchild Semiconductor RMPA2458_059 Datasheet HTML 3Page - Fairchild Semiconductor RMPA2458_059 Datasheet HTML 4Page - Fairchild Semiconductor RMPA2458_059 Datasheet HTML 5Page - Fairchild Semiconductor RMPA2458_059 Datasheet HTML 6Page - Fairchild Semiconductor RMPA2458_059 Datasheet HTML 7Page - Fairchild Semiconductor RMPA2458_059 Datasheet HTML 8Page - Fairchild Semiconductor RMPA2458_059 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
RMPA2458 Rev. E
Evaluation Board Schematic
Package Outline
Backside Ground
16
1
2
3
4
12
11
10
9
15
14
13
56
7
8
Dimensions in mm
Note: Dimensions do not include protrusions or mold flash. These are not to exceed 0.006" (.155mm) on any side.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FMPA2151 2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module 1  2  3  4  Fairchild Semiconductor
SST12LP00 2.4-2.5 GHz Power Amplifier 1  2  3  4  5  More Silicon Storage Technology, Inc
SST13LP01 2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier 1  2  3  4  5  More Silicon Storage Technology, Inc
SST13LP02 2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier 1  2  3  4  5  More Silicon Storage Technology, Inc
LX5530 InGaP HBT 4.5 - 6.0GHz Power Amplifier 1  2  Microsemi Corporation
MMG2401NR2 Indium Gallium Phosphorus HBT - WLAN Power Amplifier 1  2  3  4  5  More Freescale Semiconductor, Inc
LMX2486 1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum TM Frequency Synthesizers with 3.0 GHz Integer PLL 1  2  3  4  5  More National Semiconductor (TI)
LM2902W LOW POWER QUAD OPERATIONAL AMPLIFIER 1  2  3  4  5  More STMicroelectronics
ATR7040 5.8 GHz WDCT Power Amplifier 1  2  3  4  5  More ATMEL Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn