Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7671 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7671
Description  14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7671 Datasheet(HTML) 1 Page - Analog Devices

  AD7671 Datasheet HTML 1Page - Analog Devices AD7671 Datasheet HTML 2Page - Analog Devices AD7671 Datasheet HTML 3Page - Analog Devices AD7671 Datasheet HTML 4Page - Analog Devices AD7671 Datasheet HTML 5Page - Analog Devices AD7671 Datasheet HTML 6Page - Analog Devices AD7671 Datasheet HTML 7Page - Analog Devices AD7671 Datasheet HTML 8Page - Analog Devices AD7671 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
14-Bit, 1 MSPS, Differential,
Programmable Input PulSAR® ADC
AD7952
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Multiple pins/software-programmable input ranges
+5 V (10 V p-p), +10 V (20 V p-p), ±5 V (20 V p-p),
±10 V (40 V p-p)
Pins or serial SPI®-compatible input ranges/mode selection
Throughput
1 MSPS (warp mode)
800 kSPS (normal mode)
670 kSPS (impulse mode)
14-bit resolution with no missing codes
INL: ±0.3 LSB typical, ±1 LSB maximum (±61 ppm of FSR)
SNR: 85 dB @ 2 kHz
iCMOS® process technology
5 V internal reference: typical drift 3 ppm/°C; TEMP output
No pipeline delay (SAR architecture)
Parallel (14- or 8-bit bus) and serial 5 V/3.3 V interface
SPI-/QSPI™-/MICROWIRE™-/DSP-compatible
Power dissipation
235 mW @ 1 MSPS
10 mW @ 1 kSPS
48-lead LQFP and 48-lead LFCSP (7 mm × 7 mm)
APPLICATIONS
Process controls
Medical instruments
High speed data acquisition
Digital signal processing
Instrumentation
Spectrum analysis
ATE
GENERAL DESCRIPTION
The AD7952 is a 14-bit, charge redistribution, successive
approximation register (SAR) architecture analog-to-digital
converter (ADC) fabricated on Analog Devices, Inc.’s iCMOS
high voltage process. The device is configured through hardware or
via a dedicated write-only serial configuration port for input
range and operating mode. The AD7952 contains a high speed
14-bit sampling ADC, an internal conversion clock, an internal
reference (and buffer), error correction circuits, and both serial
and parallel system interface ports. A falling edge on CNVST
samples the fully differential analog inputs on IN+ and IN−.
The AD7952 features four different analog input ranges and three
different sampling modes: warp mode for the fastest throughput,
normal mode for the fastest asynchronous throughput, and
impulse mode where power is scaled with throughput.
Operation is specified from −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
14
CONTROL LOGIC AND
CALIBRATION CIRCUITRY
CLOCK
AD7952
DGND
DVDD
AVDD
AGND
REF REFGND
IN+
PD
RESET
CNVST
PDBUF
REFBUFIN
PDREF
REF
TEMP
D[13:0]
BUSY
RD
CS
OB/2C
OGND
OVDD
BYTESWAP
SER/PAR
REF
AMP
SERIAL DATA
PORT
PARALLEL
INTERFACE
SWITCHED
CAP DAC
VCC VEE
WARP IMPULSE BIPOLAR TEN
SERIAL
CONFIGURATION
PORT
IN–
Figure 1.
Table 1. 48-Lead PulSAR Selection
Input Type
Res
(Bits)
100 to
250
(kSPS)
500 to
570
(kSPS)
570 to
1000
(kSPS)
>1000
kSPS
Bipolar
14
AD7951
Differential
Bipolar
14
AD7952
Unipolar
16
AD7651
AD7653
AD7660
AD7650
AD7667
AD7661
AD7652
AD7664
AD7666
Bipolar
16
AD7610
AD7665
AD7612
AD7663
AD7671
Differential
16
AD7675
AD7676
AD7677
AD7621
Unipolar
AD7622
AD7623
Simultaneous/
16
AD7654
Multichannel
Unipolar
AD7655
Differential
18
AD7678
AD7679
AD7674
AD7641
Unipolar
AD7643
Differential
Bipolar
18
AD7631
AD7634


Similar Part No. - AD7671

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7671 AD-AD7671 Datasheet
336Kb / 23P
   16-Bit 1 MSPS SAR Unipolar ADC with Ref
REV. PrA
AD7671 AD-AD7671 Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7671 AD-AD7671 Datasheet
818Kb / 32P
   16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
AD7671 AD-AD7671 Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7671 AD-AD7671 Datasheet
820Kb / 32P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
More results

Similar Description - AD7671

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7952 AD-AD7952_15 Datasheet
544Kb / 32P
   14-Bit, 1 MSPS, Differential, Programmable Input PulSAR
REV. A
AD7952 AD-AD7952_17 Datasheet
606Kb / 33P
   1 MSPS, Differential, Programmable Input PulSAR ADC
AD7951 AD-AD7951 Datasheet
761Kb / 33P
   14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
AD7951BSTZ AD-AD7951BSTZ Datasheet
518Kb / 32P
   14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. A
AD7951 AD-AD7951_15 Datasheet
518Kb / 32P
   14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR
REV. A
AD7626 AD-AD7626_09 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626_17 Datasheet
1Mb / 30P
   16-Bit, 10 MSPS, PulSAR Differential ADC
AD7960 AD-AD7960 Datasheet
814Kb / 24P
   18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626_10 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
AD7625BCPZ AD-AD7625BCPZ Datasheet
673Kb / 24P
   16-Bit, 6 MSPS, PulSAR Differential ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com