Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REG101UA-5 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # REG101UA-5
Description  DMOS 100mA Low-Dropout Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG101UA-5 Datasheet(HTML) 2 Page - Texas Instruments

  REG101UA-5 Datasheet HTML 1Page - Texas Instruments REG101UA-5 Datasheet HTML 2Page - Texas Instruments REG101UA-5 Datasheet HTML 3Page - Texas Instruments REG101UA-5 Datasheet HTML 4Page - Texas Instruments REG101UA-5 Datasheet HTML 5Page - Texas Instruments REG101UA-5 Datasheet HTML 6Page - Texas Instruments REG101UA-5 Datasheet HTML 7Page - Texas Instruments REG101UA-5 Datasheet HTML 8Page - Texas Instruments REG101UA-5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
REG101
2
SBVS026D
ABSOLUTE MAXIMUM RATINGS(1)
Supply Input Voltage, VIN ....................................................... –0.3V to 12V
Enable Input Voltage, VEN ....................................................... –0.3V to VIN
Feedback Voltage, VFB ........................................................ –0.3V to 6.0V
NR Pin Voltage, VNR ............................................................. –0.3V to 6.0V
Output Short-Circuit Duration ...................................................... Indefinite
Operating Temperature Range (TJ) ................................ –55°C to +125°C
Storage Temperature Range (TA) ................................... –65°C to +150°C
Lead Temperature (soldering, 3s, SOT23-5, and SO-8) ..................... +240
°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PIN CONFIGURATIONS
Top View
V
OUT
(2)
V
OUT
(2)
NR/Adjust(1)
GND
V
IN
(3)
V
IN
(3)
NC
Enable
SO-8
1
2
3
4
8
7
6
5
(U Package)
V
IN
GND
Enable
V
OUT
NR/Adjust(1)
SOT23-5
1
2
3
5
4
(N Package)
NOTE: (1) For REG101A-A: voltage setting resistor pin. All other models: noise reduction capacitor pin.
(2) Both pin 1 and pin 2 must be connected.
(3) Both pin 7 and pin 8 must be connected.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
VOUT(2)
REG101xx-
yyyy/zzz
XX is package designator.
YYYY is typical output voltage (5 = 5.0V, 2.85 = 2.85V, A = Adjustable).
ZZZ is package quantity.
(1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com.
(2) Output voltages from 2.5V to 5.1V in 50mV increments are available; minimum order quantities apply. Contact factory for details and availability.


Similar Part No. - REG101UA-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG101UA-5 TI-REG101UA-5 Datasheet
277Kb / 13P
[Old version datasheet]   DMOS 100mA Low-Dropout Regulator
REG101UA-5 TI1-REG101UA-5 Datasheet
797Kb / 23P
[Old version datasheet]   100mA Low-Dropout Regulator
REG101UA-5/2K5 TI-REG101UA-5/2K5 Datasheet
277Kb / 13P
[Old version datasheet]   DMOS 100mA Low-Dropout Regulator
REG101UA-5/2K5 TI1-REG101UA-5/2K5 Datasheet
797Kb / 23P
[Old version datasheet]   100mA Low-Dropout Regulator
REG101UA-5/2K5G4 TI1-REG101UA-5/2K5G4 Datasheet
797Kb / 23P
[Old version datasheet]   100mA Low-Dropout Regulator
More results

Similar Description - REG101UA-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG101 TI-REG101 Datasheet
277Kb / 13P
[Old version datasheet]   DMOS 100mA Low-Dropout Regulator
REG101-25 TI1-REG101-25 Datasheet
797Kb / 23P
[Old version datasheet]   100mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC5200 MICREL-MIC5200_05 Datasheet
179Kb / 10P
   100mA Low-Dropout Regulator
logo
Analog Intergrations Co...
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
   100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC5202 MICREL-MIC5202_06 Datasheet
135Kb / 7P
   Dual 100mA Low-Dropout Regulator
MIC5202 MICREL-MIC5202_13 Datasheet
1Mb / 10P
   Dual, 100mA Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com