Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2495 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2495
Description  16-Bit 8-/16-Channel ?誇 ADC with PGA, Easy Drive and I2C Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2495 Datasheet(HTML) 5 Page - Linear Technology

  LTC2495 Datasheet HTML 1Page - Linear Technology LTC2495 Datasheet HTML 2Page - Linear Technology LTC2495 Datasheet HTML 3Page - Linear Technology LTC2495 Datasheet HTML 4Page - Linear Technology LTC2495 Datasheet HTML 5Page - Linear Technology LTC2495 Datasheet HTML 6Page - Linear Technology LTC2495 Datasheet HTML 7Page - Linear Technology LTC2495 Datasheet HTML 8Page - Linear Technology LTC2495 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC2495
5
2495f
POWER REQUIREMENTS The denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
2.7
5.5
V
ICC
Supply Current
Conversion Current (Note 11)
Temperature Measurement (Note 11)
Sleep Mode (Note 11)
160
200
1
275
300
2
µA
µA
µA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fEOSC
External Oscillator Frequency Range
(Note 16)
10
4000
kHz
tHEO
External Oscillator High Period
0.125
100
µs
tLEO
External Oscillator Low Period
0.125
100
µs
tCONV_1
Conversion Time for 1x Speed Mode
50Hz Mode
60Hz Mode
Simultaneous 50Hz/60Hz Mode
External Oscillator (Note 10)
157.2
131
144.1
160.3
133.6
146.9
41036/fEOSC (in kHz)
163.5
136.3
149.9
ms
ms
ms
ms
tCONV_2
Conversion Time for 2x Speed Mode
50Hz Mode
60Hz Mode
Simultaneous 50Hz/60Hz Mode
External Oscillator (Note 10)
78.7
65.6
72.2
80.3
66.9
73.6
20556/fEOSC (in kHz)
81.9
68.2
75.1
ms
ms
ms
ms
DIGITAL INPUTS AND DIGITAL OUTPUTS The denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSCL
SCL Clock Frequency
0
400
kHz
tHD(SDA)
Hold Time (Repeated) Start Condition
0.6
µs
tLOW
Low Period of the SCL Pin
1.3
µs
tHIGH
High Period of the SCL Pin
0.6
µs
tSU(STA)
Set-Up Time for a Repeated Start Condition
0.6
µs
tHD(DAT)
Data Hold Time
0
0.9
µs
tSU(DAT)
Data Set-Up Time
100
ns
tr
Rise Time for SDA Signals
(Note 14)
20 + 0.1CB
300
ns
t f
Fall Time for SDA Signals
(Note 14)
20 + 0.1CB
300
ns
tSU(STO)
Set-Up Time for Stop Condition
0.6
µs
tBUF
Bus Free Time Between a Second Start Condition
1.3
µs
I2C TIMING CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3, 15)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND.
Note 3: Unless otherwise specified: VCC = 2.7V to 5.5V
VREFCM = VREF/2, FS = 0.5VREF/Gain
VIN = IN
+ – IN, VIN(CM) = (IN+ – IN)/2,
where IN+ and INare the selected input channels.
Note 4: Use internal conversion clock or external conversion clock source
with fEOSC = 307.2kHz unless otherwise specified.
Note 5: Guaranteed by design, not subject to test.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 7: 50Hz mode (internal oscillator) or fEOSC = 256kHz ±2% (external oscillator).
Note 8: 60Hz mode (internal oscillator) or fEOSC = 307.2kHz ±2% (external oscillator).
Note 9: Simultaneous 50Hz/60Hz mode (internal oscillator) or fEOSC =
280kHz ±2% (external oscillator).
Note 10: The external oscillator is connected to the FO pin. The external
oscillator frequency, fEOSC, is expressed in kHz.
Note 11: The converter uses its internal oscillator.
Note 12: The output noise includes the contribution of the internal
calibration operations.
Note 13: Guaranteed by design and test correlation.
Note 14: CB = capacitance of one bus line in pF (10pF ≤ CB ≤ 400pF).
Note 15: All values refer to VIH(MIN) and VIL(MAX) levels.
Note 16: Refer to Applications Information section for Performance vs
Data Rate graphs.


Similar Part No. - LTC2495

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2495 LINER-LTC2495_15 Datasheet
570Kb / 34P
   16-Bit 8-/16-Channel ADC with PGA, Easy Drive and I2C Interface
More results

Similar Description - LTC2495

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2495 LINER-LTC2495_15 Datasheet
570Kb / 34P
   16-Bit 8-/16-Channel ADC with PGA, Easy Drive and I2C Interface
LTC2494 LINER-LTC2494 Datasheet
536Kb / 36P
   16-Bit 8-/16-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
LTC2497 LINER-LTC2497 Datasheet
403Kb / 28P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2487 LINER-LTC2487 Datasheet
672Kb / 32P
   16-Bit 2-/4-Channel ADC with PGA, Easy Drive and I2C Interface
LTC2487 LINER-LTC2487_15 Datasheet
792Kb / 34P
   16-Bit 2-/4-Channel ADC with PGA, Easy Drive and I2C Interface
LTC2499 LINER-LTC2499_1 Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499 Datasheet
432Kb / 32P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com