Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2495 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC2495
Description  16-Bit 8-/16-Channel ?誇 ADC with PGA, Easy Drive and I2C Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2495 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC2495 Datasheet HTML 22Page - Linear Technology LTC2495 Datasheet HTML 23Page - Linear Technology LTC2495 Datasheet HTML 24Page - Linear Technology LTC2495 Datasheet HTML 25Page - Linear Technology LTC2495 Datasheet HTML 26Page - Linear Technology LTC2495 Datasheet HTML 27Page - Linear Technology LTC2495 Datasheet HTML 28Page - Linear Technology LTC2495 Datasheet HTML 29Page - Linear Technology LTC2495 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
LTC2495
26
2495f
Figure 17. INL vs Differential Input
Voltage and Reference Source
Resistance for CREF > 1µF
Figure 19. Input Normal Mode Rejection, Internal
Oscillator and 60Hz Rejection Mode
Figure 18. Input Normal Mode Rejection, Internal
Oscillator and 50Hz Rejection Mode
Normal Mode Rejection and Antialiasing
One of the advantages delta-sigma ADCs offer over
conventional ADCs is on-chip digital filtering. Combined
with a large oversample ratio, the LTC2495 significantly
simplifies antialiasing filter requirements. Additionally,
the input current cancellation feature allows external low
pass filtering without degrading the DC performance of
the device.
The SINC4 digital filter provides excellent normal mode
rejection at all frequencies except DC and integer multiples
of the modulator sampling frequency (fS) (see Figures
18 and 19). The modulator sampling frequency is fS =
15,360Hz while operating with its internal oscillator and
fS = fEOSC/20 when operating with an external oscillator
of frequency fEOSC.
When using the internal oscillator, the LTC2495 is designed
to reject line frequencies. As shown in Figure 20, rejec-
tion nulls occur at multiples of frequency fN, where fN is
determined by the input control bits FA and FB (fN = 50Hz
or 60Hz or 55Hz for simultaneous rejection). Multiples of
the modulator sampling rate (fS = fN • 256) only reject noise
to 15dB (see Figure 21); if noise sources are present at
these frequencies antialiasing will reduce their effects.
The user can expect to achieve this level of performance
using the internal oscillator, as shown in Figures 22, 23,
and 24. Measured values of normal mode rejection are
APPLICATIONS INFORMATION
Figure 15. +FS Error vs RSOURCE
at VREF (Large CREF)
Figure 16. –FS Error vs RSOURCE
at VREF (Large CREF)
RSOURCE ()
0
300
400
500
800
2495 F15
200
100
0
200
400
600
1000
VCC = 5V
VREF = 5V
VIN
+ = 3.75V
VIN
= 1.25V
FO = GND
TA = 25°C
CREF = 1µF, 10µF
CREF = 0.1µF
CREF = 0.01µF
RSOURCE ()
0
–200
–100
0
800
2495 F16
–300
–400
–500
200
400
600
1000
VCC = 5V
VREF = 5V
VIN
+ = 1.25V
VIN
= 3.75V
FO = GND
TA = 25°C
CREF = 1µF, 10µF
CREF = 0.1µF
CREF = 0.01µF
VIN/VREF
– 0.5
2
6
10
0.3
2495 F17
–2
–6
0
4
8
–4
–8
–10
– 0.3
– 0.1
0.1
0.5
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
TA = 25°C
CREF = 10µF
R = 1k
R = 100
R = 500
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
0fS 2fS 3fS 4fS 5fS 6fS 7fS 8fS 9fS10fS11fS12fS
2495 F18
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
0fS
2495 F19
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
2fS 3fS 4fS 5fS 6fS 7fS 8fS 9fS 10fS


Similar Part No. - LTC2495

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2495 LINER-LTC2495_15 Datasheet
570Kb / 34P
   16-Bit 8-/16-Channel ADC with PGA, Easy Drive and I2C Interface
More results

Similar Description - LTC2495

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2495 LINER-LTC2495_15 Datasheet
570Kb / 34P
   16-Bit 8-/16-Channel ADC with PGA, Easy Drive and I2C Interface
LTC2494 LINER-LTC2494 Datasheet
536Kb / 36P
   16-Bit 8-/16-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
LTC2497 LINER-LTC2497 Datasheet
403Kb / 28P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2487 LINER-LTC2487 Datasheet
672Kb / 32P
   16-Bit 2-/4-Channel ADC with PGA, Easy Drive and I2C Interface
LTC2487 LINER-LTC2487_15 Datasheet
792Kb / 34P
   16-Bit 2-/4-Channel ADC with PGA, Easy Drive and I2C Interface
LTC2499 LINER-LTC2499_1 Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499 Datasheet
432Kb / 32P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com