Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C6T144C7ES Datasheet(PDF) 82 Page - Altera Corporation

Part # EP1C6T144C7ES
Description  Cyclone FPGA Family Data Sheet
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C6T144C7ES Datasheet(HTML) 82 Page - Altera Corporation

Back Button EP1C6T144C7ES Datasheet HTML 78Page - Altera Corporation EP1C6T144C7ES Datasheet HTML 79Page - Altera Corporation EP1C6T144C7ES Datasheet HTML 80Page - Altera Corporation EP1C6T144C7ES Datasheet HTML 81Page - Altera Corporation EP1C6T144C7ES Datasheet HTML 82Page - Altera Corporation EP1C6T144C7ES Datasheet HTML 83Page - Altera Corporation EP1C6T144C7ES Datasheet HTML 84Page - Altera Corporation EP1C6T144C7ES Datasheet HTML 85Page - Altera Corporation EP1C6T144C7ES Datasheet HTML 86Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 104 page
background image
4–12
Altera Corporation
Preliminary
January 2007
Cyclone Device Handbook, Volume 1
Table 4–22. IOE Internal Timing Microparameter Descriptions
Symbol
Parameter
tSU
IOE input and output register setup time before clock
tH
IOE input and output register hold time after clock
tCO
IOE input and output register clock-to-output delay
tPIN2COMBOUT_R
Row input pin to IOE combinatorial output
tPIN2COMBOUT_C
Column input pin to IOE combinatorial output
tCOMBIN2PIN_R
Row IOE data input to combinatorial output pin
tCOMBIN2PIN_C
Column IOE data input to combinatorial output pin
tCLR
Minimum clear pulse width
tPRE
Minimum preset pulse width
tCLKHL
Minimum clock high or low time
Table 4–23. M4K Block Internal Timing Microparameter Descriptions
Symbol
Parameter
tM4KRC
Synchronous read cycle time
tM4KWC
Synchronous write cycle time
tM4KWERESU
Write or read enable setup time before clock
tM4KWEREH
Write or read enable hold time after clock
tM4KBESU
Byte enable setup time before clock
tM4KBEH
Byte enable hold time after clock
tM4KDATAASU
A port data setup time before clock
tM4KDATAAH
A port data hold time after clock
tM4KADDRASU
A port address setup time before clock
tM4KADDRAH
A port address hold time after clock
tM4KDATABSU
B port data setup time before clock
tM4KDATABH
B port data hold time after clock
tM4KADDRBSU
B port address setup time before clock
tM4KADDRBH
B port address hold time after clock
tM4KDATACO1
Clock-to-output delay when using output registers
tM4KDATACO2
Clock-to-output delay without output registers
tM4KCLKHL
Minimum clock high or low time
tM4KCLR
Minimum clear pulse width


Similar Part No. - EP1C6T144C7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C6T144C7 ALTERA-EP1C6T144C7 Datasheet
1Mb / 94P
   Cyclone FPGA Family
More results

Similar Description - EP1C6T144C7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
logo
Xilinx, Inc
XC3SD3400A-5FG676C XILINX-XC3SD3400A-5FG676C Datasheet
2Mb / 101P
   Spartan-3A DSP FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com