Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4955DY Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SI4955DY
Description  Asymmetrical Dual P-Channel 30-V/20-V (D-S) MOSFETs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4955DY Datasheet(HTML) 9 Page - Vishay Siliconix

  SI4955DY Datasheet HTML 1Page - Vishay Siliconix SI4955DY Datasheet HTML 2Page - Vishay Siliconix SI4955DY Datasheet HTML 3Page - Vishay Siliconix SI4955DY Datasheet HTML 4Page - Vishay Siliconix SI4955DY Datasheet HTML 5Page - Vishay Siliconix SI4955DY Datasheet HTML 6Page - Vishay Siliconix SI4955DY Datasheet HTML 7Page - Vishay Siliconix SI4955DY Datasheet HTML 8Page - Vishay Siliconix SI4955DY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Legal Disclaimer Notice
Vishay
Document Number: 91000
www.vishay.com
Revision: 08-Apr-05
1
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc.,
or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, by
estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's
terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express
or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness
for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or selling these products for use in such applications do so at their own risk and agree to fully
indemnify Vishay for any damages resulting from such improper use or sale.


Similar Part No. - SI4955DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4955DY VISHAY-SI4955DY Datasheet
92Kb / 8P
   Assymetrical Dual P-Channel 30-V/20-V (D-S) MOSFETs
Rev. B, 24-Nov-03
logo
VBsemi Electronics Co.,...
SI4955DY-T1-E3 VBSEMI-SI4955DY-T1-E3 Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
More results

Similar Description - SI4955DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4955DY VISHAY-SI4955DY Datasheet
92Kb / 8P
   Assymetrical Dual P-Channel 30-V/20-V (D-S) MOSFETs
Rev. B, 24-Nov-03
VP0300L VISHAY-VP0300L_V01 Datasheet
56Kb / 5P
   P-Channel 30-V (D-S) MOSFETs
18-Jul-08
VQ3001J VISHAY-VQ3001J Datasheet
50Kb / 6P
   Dual N-/Dual P-Channel 30-V (D-S) MOSFETs
Rev. D, 16-Jul-01
VQ3001J VISHAY-VQ3001J_V01 Datasheet
63Kb / 7P
   Dual N-/Dual P-Channel 30-V (D-S) MOSFETs
18-Jul-08
VP0300L VISHAY-VP0300L Datasheet
42Kb / 4P
   P-Channel 30-V (D-S) MOSFETs
Rev. E, 16-Jul-01
SI4926DY VISHAY-SI4926DY Datasheet
84Kb / 7P
   Asymmetrical Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 21-Feb-00
SIZ300DT VISHAY-SIZ300DT_12 Datasheet
330Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. D, 11-Jun-12
SIZ920DT VISHAY-SIZ920DT Datasheet
212Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. A, 30-Apr-12
SIZ902DT VISHAY-SIZ902DT Datasheet
222Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ998DT VISHAY-SIZ998DT Datasheet
244Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com