Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9074 Datasheet(PDF) 94 Page - Zarlink Semiconductor Inc

Part # MT9074
Description  T1/E1/J1 Single Chip Transceiver
Download  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9074 Datasheet(HTML) 94 Page - Zarlink Semiconductor Inc

Back Button MT9074 Datasheet HTML 90Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 91Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 92Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 93Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 94Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 95Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 96Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 97Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 98Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 151 page
background image
MT9074
Data Sheet
94
Zarlink Semiconductor Inc.
0TIU0
Transmit International Use Zero. When CRC-4 operation is disabled
(CSYN=1), this bit is transmit on the PCM30 2048 kbit/sec. link in bit
position one of time-slot zero of frame-alignment frames. It is reserved
for international use and should normally be kept at one. If CRC
processing is used, i.e., CSYN =0, this bit is ignored.
Bit
Name
Functional Description
7-4
TMA1-4
Transmit Multiframe Alignment Bits One to Four. These bits are
transmitted on the PCM30 2048 kbit/sec. link in bit positions one to four of
time slot 16 of frame zero of every signaling multiframe. These bits are used
by the far end to identify specific frames of a signaling multiframe. TMA1-4 =
0000 for normal operation.
3
X1
This bit is transmitted on the PCM30 2048 kbit/sec. link in bit position five of
time slot 16 of frame zero of every multiframe. X1 is normally set to one.
2
Y
This bit is transmitted on the PCM30 2048 kbit/sec. link in bit position six of
time slot 16 of frame zero of every multiframe. It is used to indicate the loss of
multiframe alignment to the remote end of the link. If one - loss of multiframe
alignment; if zero - multiframe alignment acquired. This bit is ignored when
AUTY is zero (page 01H, address 10H).
1- 0
X2, X3
These bits are transmitted on the PCM30 2048 kbit/sec. link in bit positions
seven and eight respectively, of time slot 16 of frame zero of every
multiframe. X2 and X3 are normally set to one. If receive channel 16 data is
to be included in the looped data then the control bit TxCCS (Page, Address
14H, bit 5) must be set high, otherwise transmit signaling data, or HOLCC
data will be placed into the outgoing channel 16 timeslot.
Table 82 - Transmit Multiframe Alignment Signal (E1)
(Page 1, Address 13H)
Bit
Name
Functional Description
7
DSToEn
DSTo Enable. If zero pin DSTo is tristate. If set, the pin DSTo is enabled.
6
CSToEn
CSTo Enable. If zero pin CSTo is tristate. If set, the pin CSTo is enabled.
5
TxCCS
Transmit Common Channel Signaling. If one, the transmit section of the
device is in common channel signaling (CCS) mode. If zero, it is in Channel
Associated Signaling (CAS) mode.
4
DBNCE,
Debounce Select. This bit selects the debounce period (1 for 14 msec.; 0
for no debounce). Note: there may be as much as 2 msec. added to this
duration because the state change of the signaling equipment is not
synchronous with the PCM30 signaling multiframe.
Table 83 - Interrupt and Signaling Control Word (E1)
(Page 1, Address 14H)
Bit
Name
Functional Description
Table 81 - HDLC Selection Word (E1)
(Page 1, Address 12H)


Similar Part No. - MT9074

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
logo
Pulse A Technitrol Comp...
MT9074 PULSE-MT9074 Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Mitel Networks Corporat...
MT9074AL MITEL-MT9074AL Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
MT9074AP MITEL-MT9074AP Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
More results

Similar Description - MT9074

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155_V01 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
REV: 080607
DS26521 MAXIM-DS26521 Datasheet
1Mb / 258P
   Single T1/E1/J1 Transceiver
REV: 111606
logo
Mitel Networks Corporat...
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
   T1/E1/J1 3.3V Single Chip Transceiver
logo
Zarlink Semiconductor I...
MT9076B ZARLINK-MT9076B Datasheet
1Mb / 172P
   T1/E1/J1 3.3 V Single Chip Transceiver
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
   Octal T1/E1/J1 Transceiver
REV: 012405
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
   Quad T1/E1/J1 Transceiver
REV: 112907
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
   Quad T1/E1/J1 Transceiver
REV: 042204
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com