Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9074 Datasheet(PDF) 89 Page - Zarlink Semiconductor Inc

Part # MT9074
Description  T1/E1/J1 Single Chip Transceiver
Download  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9074 Datasheet(HTML) 89 Page - Zarlink Semiconductor Inc

Back Button MT9074 Datasheet HTML 85Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 86Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 87Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 88Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 89Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 90Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 91Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 92Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 93Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 151 page
background image
MT9074
Data Sheet
89
Zarlink Semiconductor Inc.
Per Channel Receive Signaling (T1 and E1 mode) (Pages 9 and 0AH)
Page 09H, addresses 10000 to 11111, and page 1AH addresses 10000 to 10111 contain the Receive Signaling
Control Words for DS1 channels 1 to 16 and 17 to 24 respectively. Table 76 illustrates the mapping between the
addresses of these pages and the DS1 channel numbers. Table 77 describes bit allocation within each of these
registers.
4LTSL
Local Time Slot Loopback. If one, the corresponding transmit time slot is
looped to the corresponding receive time slot. This transmit time slot will also
be present on the transmit DS1 stream. If zero, this loopback is disabled.
3TTST
Transmit Test. If one, a test signal, either digital milliwatt (when control bit
ADSEQ is one) or PRBS (Z15-1) (ADSEQ is zero), will be transmitted in the
corresponding DS1 time slot. More than one time slot may be activated at
once. If zero, the test signal will not be connected to the corresponding time
slot.
2RTST
Receive Test. If one, the corresponding DSTo time slot will be used for
testing. If control bit ADSEQ is one, a digital milliwatt signal will be
transmitted into the DSTo channel. If ADSEQ is zero, the receive channel
will be connected to the PRBS (215 - 1) detector.
1RPSIG
Serial Signaling Enable. If set low, the transmit signaling buffer for the
equivalent DS1 channel will be sourced from the ST-BUS channel on CSTi
associated with it. If set high the transmit signaling RAM must be
programmed via the microport.
0CC
Clear Channel. When set high no robbed bit signaling is inserted in the
equivalent transmit DS1 channel. When set low robbed bit signaling is
included in every 6th channel.
Page 9 Address:
012345678910
11
12
13
14
15
Equivalent DS1
channel
12345678910
11
12
13
14
15
16
Page A Address:
012345678910
11
12
13
14
15
Equivalent DS1
channel
17
18
19
20
21
22
23
24
xxxxxxxx
Table 76 - Page 9, A Address Mapping to DS1 Channels (T1)
Bit
Name
Functional Description
Table 75 - Per Time Slot Control Words
(Pages 7 and 8) (T1)


Similar Part No. - MT9074

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
logo
Pulse A Technitrol Comp...
MT9074 PULSE-MT9074 Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Mitel Networks Corporat...
MT9074AL MITEL-MT9074AL Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
MT9074AP MITEL-MT9074AP Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
More results

Similar Description - MT9074

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155_V01 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
REV: 080607
DS26521 MAXIM-DS26521 Datasheet
1Mb / 258P
   Single T1/E1/J1 Transceiver
REV: 111606
logo
Mitel Networks Corporat...
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
   T1/E1/J1 3.3V Single Chip Transceiver
logo
Zarlink Semiconductor I...
MT9076B ZARLINK-MT9076B Datasheet
1Mb / 172P
   T1/E1/J1 3.3 V Single Chip Transceiver
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
   Octal T1/E1/J1 Transceiver
REV: 012405
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
   Quad T1/E1/J1 Transceiver
REV: 112907
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
   Quad T1/E1/J1 Transceiver
REV: 042204
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com