Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9074 Datasheet(PDF) 68 Page - Zarlink Semiconductor Inc

Part # MT9074
Description  T1/E1/J1 Single Chip Transceiver
Download  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9074 Datasheet(HTML) 68 Page - Zarlink Semiconductor Inc

Back Button MT9074 Datasheet HTML 64Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 65Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 66Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 67Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 68Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 69Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 70Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 71Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 72Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 151 page
background image
MT9074
Data Sheet
68
Zarlink Semiconductor Inc.
Bit
Name
Functional Description
7
TFSYNIM
Terminal Frame Synchronization Interrupt Mask. When unmasked an
interrupt is initiated whenever a change of state of terminal frame
synchronization condition exists. If 1 - unmasked, 0 - masked.
6
MFSYNIM
Multiframe Synchronization Interrupt Mask. When unmasked an
interrupt is initiated whenever a change of state of multiframe
synchronization condition exist. If 1 - unmasked, 0 - masked.
5- - -
Unused.
4
AISIM
Alarm Indication Signal Interrupt Mask. When unmasked a change of
state of received all ones condition will initiate an interrupt. If 1 - unmasked,
0 - masked.
3LOSIM
Loss of Signal Interrupt Mask. When unmasked an interrupt is initiated
whenever a change of state of loss of signal condition exists. If 1 -
unmasked, 0 - masked. Interrupt vector = 01000000.
2
SEFIM
Severely Errored Frame Interrupt Mask. When unmasked an interrupt is
initiated when a sequence of 2 framing errors out of 6 occurs. If 1 -
unmasked, 0 - masked.
1TxSLPIM
Transmit SLIP Interrupt Mask. When unmasked an interrupt is initiated
whenever a controlled frame slip occurs in the transmit elastic buffer. If 1 -
unmasked, 0 - masked.
0RxSLPIM
Receive SLIP Interrupt Mask. When unmasked an interrupt is initiated
whenever a controlled frame slip occurs in the receive elastic buffer. If 1 -
unmasked, 0 - masked.
Table 32 - Interrupt Mask Word Zero (T1)
(Page 1, Address 1BH)
Bit
Name
Functional Description
7FEIM
Framing Bit Error Interrupt Mask. When unmasked an interrupt is
initiated whenever an erroneous framing bit is detected (provided the circuit
is in terminal frame sync). If 1 - unmasked, 0 - masked.
6
CRCIM
CRC-6 Error Interrupt Mask. When unmasked an interrupt is initiated
whenever a local CRC-6 error occurs. If 1 - unmasked, 0 - masked.
5
YELIM
Yellow Alarm Interrupt Mask. When unmasked detection of a yellow
alarm triggers an interrupt. If 1 - unmasked, 0 - masked.
4COFAIM
Change of Frame Alignment Interrupt Mask. When unmasked an
interrupt is initiated whenever a change of frame alignment occurs after a
reframe. If 1 - unmasked, 0 - masked.
3BPVIM
Bipolar Violation Interrupt Mask. When unmasked an interrupt is initiated
whenever a bipolar violation (excluding B8ZS encoding) is encountered. If
1- unmasked, 0 - masked.
2PRBSIM
Psuedo Random Bit Sequence Error Interrupt Mask. When unmasked
an interrupt will be generated upon detection of an error with a channel
selected for PRBS testing. 1 - unmasked, 0 - masked.
Table 33 - Interrupt Mask Word One (T1)
(Page 1, Address 1CH


Similar Part No. - MT9074

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
logo
Pulse A Technitrol Comp...
MT9074 PULSE-MT9074 Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Mitel Networks Corporat...
MT9074AL MITEL-MT9074AL Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
MT9074AP MITEL-MT9074AP Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
More results

Similar Description - MT9074

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155_V01 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
REV: 080607
DS26521 MAXIM-DS26521 Datasheet
1Mb / 258P
   Single T1/E1/J1 Transceiver
REV: 111606
logo
Mitel Networks Corporat...
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
   T1/E1/J1 3.3V Single Chip Transceiver
logo
Zarlink Semiconductor I...
MT9076B ZARLINK-MT9076B Datasheet
1Mb / 172P
   T1/E1/J1 3.3 V Single Chip Transceiver
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
   Octal T1/E1/J1 Transceiver
REV: 012405
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
   Quad T1/E1/J1 Transceiver
REV: 112907
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
   Quad T1/E1/J1 Transceiver
REV: 042204
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com