Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9074 Datasheet(PDF) 59 Page - Zarlink Semiconductor Inc

Part # MT9074
Description  T1/E1/J1 Single Chip Transceiver
Download  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9074 Datasheet(HTML) 59 Page - Zarlink Semiconductor Inc

Back Button MT9074 Datasheet HTML 55Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 56Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 57Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 58Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 59Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 60Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 61Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 62Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 63Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 151 page
background image
MT9074
Data Sheet
59
Zarlink Semiconductor Inc.
Interrupts on T1 Mode
Interrupt Mask Word Zero
Bit 7
Bit 0
Interrupt Mask Word One
Bit 7
Bit 0
Interrupt Mask Word Two
Bit 7
Bit 0
Interrupt Mask Word Three
Bit 7
Bit 0
HDLC Interrupt Masks
Bit 7
Bit 0
Interrupts on E1 Mode
Interrupt Mask Word Zero
Bit 7
Bit 0
Interrupt Mask Word One
Bit 7
Bit 0
Interrupt Mask Word Two
Bit 7
Bit 0
Interrupt Mask Word Three
Bit 7
Bit 0
TFSYNI MFSYNI TSAI
AISI LOSI SEI
TxSLPI RxSLPI
FEI
CRCI
YELI
COFAI
BPVI
PRBSI
PDVI
- - -
FEO CRCO OOFO COFAO BPVO PRBSO MFOOFO - - -
- - -
- - -
- - -
LCDI
1SECI 5SECI BIOMI
SIGI
Ga
EOPD TEOP EopR
TxFl
FATxU RxFf
RxOv
SYNI
MFSYI CSYNI
AISI
LOSI
CEFI
YI
SLPI
FERI
CRCI
EBI
AIS16I
BPVI
PRBSI AUXPI RAII
FEOM
CRCO
EBOI
- - - BPVO PRBSO PRBSMO
- - -
- - -
- - -
- - -
JAI
1SECI 5SECI RCRI
SIGI


Similar Part No. - MT9074

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
logo
Pulse A Technitrol Comp...
MT9074 PULSE-MT9074 Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Mitel Networks Corporat...
MT9074AL MITEL-MT9074AL Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
MT9074AP MITEL-MT9074AP Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
More results

Similar Description - MT9074

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155_V01 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
REV: 080607
DS26521 MAXIM-DS26521 Datasheet
1Mb / 258P
   Single T1/E1/J1 Transceiver
REV: 111606
logo
Mitel Networks Corporat...
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
   T1/E1/J1 3.3V Single Chip Transceiver
logo
Zarlink Semiconductor I...
MT9076B ZARLINK-MT9076B Datasheet
1Mb / 172P
   T1/E1/J1 3.3 V Single Chip Transceiver
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
   Octal T1/E1/J1 Transceiver
REV: 012405
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
   Quad T1/E1/J1 Transceiver
REV: 112907
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
   Quad T1/E1/J1 Transceiver
REV: 042204
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com