Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9074 Datasheet(PDF) 55 Page - Zarlink Semiconductor Inc

Part # MT9074
Description  T1/E1/J1 Single Chip Transceiver
Download  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9074 Datasheet(HTML) 55 Page - Zarlink Semiconductor Inc

Back Button MT9074 Datasheet HTML 51Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 52Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 53Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 54Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 55Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 56Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 57Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 58Page - Zarlink Semiconductor Inc MT9074 Datasheet HTML 59Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 151 page
background image
MT9074
Data Sheet
55
Zarlink Semiconductor Inc.
E1 Mode
Clear Channel Capability
In T1 mode, when bit zero (CC) in the per time slot control word is set no bit robbing for the purpose of signaling will
occur in this channel. This bit is not used in E1 mode.
Microport Signaling
When bit one (RPSIG) is set, the transmit signaling for the addressed channel can only be programmed by writing
to the transmit signaling page (pages 5H and 6H) via the microport. If zero, the transmit signaling information is
constantly updated with the information from the equivalent channel on CSTi.
Per Time Slot Looping
Any channel or combination of channels may be looped from transmit (sourced from DSTi) to receive (output on
DSTo) STBUS channels. When bit four (LTSL) in the Per Time Slot Control Word is set the data from the equivalent
transmit timeslot is looped back onto the equivalent receive channel.
Any channel or combination of channels may be looped from receive (sourced from the line data) to transmit
(output onto the line) channels. When bit five (RTSL) in the Per Time Slot Control Word is set the data from the
equivalent receive timeslot is looped back onto the equivalent transmit channel.
PRBS Testing
If the control bit ADSEQ is zero (from master control page 1 - access control word), any channel or combination of
transmit channels may be programmed to contain a generated pseudo random bit sequence (215 -1). The channels
are selected by setting bit three (TTST), in the per time slot control word.
If the control bit ADSEQ is zero, any combination of receive channels may be connected to the PRBS decoder
(215-1). Each error in the incoming sequence causes the PRBS error counter to increment. The receive channels
are selected by setting bit 2 (RRST) in the per time slot control word.
If PRBS is performed during a metallic or external looparound, per time slot control words with TTST set should
have RRST set as well.
Digital Milliwatt
If the control bit ADSEQ is one, a digital milliwatt sequence (Table 18) in T1 mode or (Table 19) in E1 mode may be
transmit on any combination of selected channels. The channels are selected by setting bit three (TTST), in the Per
Time Slot Control Word.
Under the same control condition (ADSEQ equal to one), the same digital milliwatt sequence is available to replace
received data on any combination of DSTo channels. This is accomplished by setting bit two (RRST) in the Per
Time Slot Control Word for the corresponding channel
.
Per Time Slot Control Word
Bit 7
Bit 0
T1 Mode
TXMSG PCI
RTSL
LTSL
TTST
RRST RPSIG
CC
TXMSG ADI
RTSL
LTSL
TTST
RRST
RPSIG
- - -


Similar Part No. - MT9074

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
logo
Pulse A Technitrol Comp...
MT9074 PULSE-MT9074 Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Mitel Networks Corporat...
MT9074AL MITEL-MT9074AL Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
MT9074AP MITEL-MT9074AP Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
More results

Similar Description - MT9074

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155_V01 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
REV: 080607
DS26521 MAXIM-DS26521 Datasheet
1Mb / 258P
   Single T1/E1/J1 Transceiver
REV: 111606
logo
Mitel Networks Corporat...
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
   T1/E1/J1 3.3V Single Chip Transceiver
logo
Zarlink Semiconductor I...
MT9076B ZARLINK-MT9076B Datasheet
1Mb / 172P
   T1/E1/J1 3.3 V Single Chip Transceiver
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
   Octal T1/E1/J1 Transceiver
REV: 012405
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
   Quad T1/E1/J1 Transceiver
REV: 112907
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
   Quad T1/E1/J1 Transceiver
REV: 042204
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com