Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP181 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part No. TLP181
Description  GaAs Ired and Photo−Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TLP181 Datasheet(HTML) 6 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TLP181
2002-09-25
6
PC – Ta
200
-20
0
20
40
60
80
100
120
160
120
80
40
0
Ambient temperature Ta (°C)
IFP – DR
Duty cycle ratio DR
3000
10
3
Pulse width ≤ 100µs
Ta = 25°C
10-
3
3
10-
2
3
10-
1
3
10
0
30
50
100
300
1000
500
∆VF / ∆Ta – IF
Forward current IF (mA)
-3.2
-0.4
0.1
-2.8
-2.4
-2.0
-1.6
-1.2
-0.8
0.3 0.5
1
3
5
10
30 50
IFP – VFP
Pulse forward voltage VFP (V)
1000
1
0.6
Pulse width ≤ 10µs
Repetitive
frequency = 100Hz
Ta = 25°C
500
300
100
50
30
10
5
3
1.0
1.4
1.8
2.2
2.6
3.0
IF – Ta
Ambient temperature Ta (°C)
100
-20
80
60
40
20
0
0
20
40
60
80
100
120
IF – VF
Forward voltage VF (V)
100
0.001
0
10
1
0.1
0.01
0.4
0.8
1.2
1.6
2
-25°C
85°C
25
°C


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn