Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST34HF162C-70-4E-LBK Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST34HF162C-70-4E-LBK
Description  16 Mbit Dual-Bank Flash 2/4 Mbit SRAM ComboMemory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST34HF162C-70-4E-LBK Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST34HF162C-70-4E-LBK Datasheet HTML 6Page - Silicon Storage Technology, Inc SST34HF162C-70-4E-LBK Datasheet HTML 7Page - Silicon Storage Technology, Inc SST34HF162C-70-4E-LBK Datasheet HTML 8Page - Silicon Storage Technology, Inc SST34HF162C-70-4E-LBK Datasheet HTML 9Page - Silicon Storage Technology, Inc SST34HF162C-70-4E-LBK Datasheet HTML 10Page - Silicon Storage Technology, Inc SST34HF162C-70-4E-LBK Datasheet HTML 11Page - Silicon Storage Technology, Inc SST34HF162C-70-4E-LBK Datasheet HTML 12Page - Silicon Storage Technology, Inc SST34HF162C-70-4E-LBK Datasheet HTML 13Page - Silicon Storage Technology, Inc SST34HF162C-70-4E-LBK Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
Preliminary Specifications
16 Mbit Dual-Bank Flash + 2/4 Mbit SRAM ComboMemory
SST34HF162C / SST34HF164C
©2004 Silicon Storage Technology, Inc.
S71269-01-000
9/04
TABLE
6: DC OPERATING CHARACTERISTICS (VDD = VDDF AND VDDS = 2.7-3.3V)
Symbol
Parameter
Limits
Test Conditions
Min
Max
Units
IDD1
Active VDD Current
Address input = VILT/VIHT, at f=5 MHz,
VDD=VDD Max, all DQs open
Read
OE#=VIL, WE#=VIH
Flash
15
mA
BEF#=VIL, BES#=VIH
SRAM
10
mA
BEF#=VIH, BES#=VIL
Concurrent Operation
45
mA
BEF#=VIH, BES#=VIL
Write2
WE#=VIL
Flash
40
mA
BEF#=VIL, BES#=VIH, OE#=VIH
SRAM
30
mA
BEF#=VIH, BES#=VIL
ISB
Standby VDD Current
30
µA
VDD = VDD Max, BEF#=BES#=VIHC
ILI
Input Leakage Current
1
µA
VIN=GND to VDD, VDD=VDD Max
ILO
Output Leakage Current
10
µA
VOUT=GND to VDD, VDD=VDD Max
VIL
Input Low Voltage
0.8
V
VDD=VDD Min
VILC
Input Low Voltage (CMOS)
0.3
V
VDD=VDD Max
VIH
Input High Voltage
0.7
VDD
VVDD=VDD Max
VIHC
Input High Voltage (CMOS)
VDD-0.3
V
VDD=VDD Max
VOLF
Flash Output Low Voltage
0.2
V
IOL=100 µA, VDD=VDD Min
VOHF
Flash Output High Voltage
VDD-0.2
V
IOH=-100 µA, VDD=VDD Min
VOLS
SRAM Output Low Voltage
0.4
V
IOL =1 mA, VDD=VDD Min
VOHS
SRAM Output High Voltage
2.2
V
IOH =-500 µA, VDD=VDD Min
T6.1 1269
1. See Figure 16
2. IDD active while Erase or Program is in progress.
TABLE
7: RECOMMENDED SYSTEM POWER-UP TIMINGS
Symbol
Parameter
Minimum
Units
TPU-READ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Power-up to Read Operation
100
µs
TPU-WRITE1
Power-up to Write Operation
100
µs
T7.0 1269
TABLE
8: CAPACITANCE (Ta = 25°C, f=1 Mhz, other pins open)
Parameter
Description
Test Condition
Maximum
CI/O1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
I/O Pin Capacitance
VI/O = 0V
20 pF
CIN1
Input Capacitance
VIN = 0V
16 pF
T8.0 1269
TABLE
9: FLASH RELIABILITY CHARACTERISTICS
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Endurance
10,000
Cycles
JEDEC Standard A117
TDR1
Data Retention
100
Years
JEDEC Standard A103
ILTH1
Latch Up
100 + IDD
mA
JEDEC Standard 78
T9.0 1269


Similar Part No. - SST34HF162C-70-4E-LBK

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1621-70-4C-L1P SST-SST34HF1621-70-4C-L1P Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1621-70-4C-LFP SST-SST34HF1621-70-4C-LFP Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1621-70-4E-L1P SST-SST34HF1621-70-4E-L1P Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1621-70-4E-LFP SST-SST34HF1621-70-4E-LFP Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
More results

Similar Description - SST34HF162C-70-4E-LBK

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST34HF162G SST-SST34HF162G Datasheet
383Kb / 31P
   16 Mbit Dual-Bank Flash 2/4 Mbit SRAM ComboMemory
SST34HF324G SST-SST34HF324G Datasheet
496Kb / 30P
   32 Mbit Dual-Bank Flash 4 Mbit SRAM ComboMemory
SST31LF021 SST-SST31LF021_07 Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF021 SST-SST31LF021 Datasheet
294Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1621C SST-SST34HF1621C Datasheet
648Kb / 38P
   16 Mbit Concurrent SuperFlash 2/4 Mbit SRAM ComboMemory
SST34HF1642D SST-SST34HF1642D Datasheet
488Kb / 38P
   16 Mbit Concurrent SuperFlash 2/4/8 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041 Datasheet
310Kb / 26P
   4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory
SST34HF1681 SST-SST34HF1681 Datasheet
472Kb / 30P
   16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com