Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

594D390X0-035B2T Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 594D390X0-035B2T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV, Low ESR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

594D390X0-035B2T Datasheet(HTML) 9 Page - Vishay Siliconix

  594D390X0-035B2T Datasheet HTML 1Page - Vishay Siliconix 594D390X0-035B2T Datasheet HTML 2Page - Vishay Siliconix 594D390X0-035B2T Datasheet HTML 3Page - Vishay Siliconix 594D390X0-035B2T Datasheet HTML 4Page - Vishay Siliconix 594D390X0-035B2T Datasheet HTML 5Page - Vishay Siliconix 594D390X0-035B2T Datasheet HTML 6Page - Vishay Siliconix 594D390X0-035B2T Datasheet HTML 7Page - Vishay Siliconix 594D390X0-035B2T Datasheet HTML 8Page - Vishay Siliconix 594D390X0-035B2T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
www.vishay.com
74
594D
Vishay Sprague
Document Number 40006
Revision 09-Mar-05
For technical questions, contact tantalum@vishay.com
Note: Metric dimensions will govern. Dimensions in inches are rounded and for reference only.
Tape and Reel Specifications: All case codes are available
on plastic embossed tape per EIA-481-1. Tape reeling per
IEC 286-3 is also available. Standard reel diameter is 7"
[178mm]. 13" [330mm] reels are available and recommended
as the most cost effective packaging method.
The most efficient packaging quantities are full reel increments
on a given reel diameter. The quantities shown allow for the
sealed empty pockets required to be in conformance with
EIA-481-1. Reel size and packaging orientation must be
specified in the Vishay Sprague part number.
.039 [1.0]
Max.
3.937 [100.0]
Tape
Camber
(Top View)
Allowable Camber to be .039/3.937 [1/100]
Non-Cumulative Over 9.843 [250.0]
9.843 [250.0]
20
° Maximum
Component Rotation
(Top View)
Typical
Component
Center Line
Typical
Component
Cavity
Center Line
B
0
A
0
.039 [1.0] Max.
USER DIRECTION OF FEED
.030 [0.75]
Min. (Note 3)
Center Lines
of Cavity
.079
± .002
[2.0
± 0.05]
P
1
.030 [0.75]
Min. (Note 4)
Deformation
Between
Embossments
.059 + .004 - 0.0
[1.5 + 0.10 - 0.0]
.069
± .004
[1.75
± 0.10]
.157
± .004
[4.0
± 0.10]
Embossment
W
F
B
0
A
0
Top
Cover
Tape
10 Pitches Cumulative
Tolerance on Tape
± 0.008 [0.2]
Maximum Cavity
Size (Note 1)
B
1 Max.
(Note 6)
For Tape Feeder
Reference only
including draft.
Concentric around B
0
(Note 5)
Top
Cover
Tape
.004 [0.10]
Max.
.024 [0.600]
Max.
K
0
D
1 Min. For Components
.079 x .047 [2.0 x 1.2] and Larger.
(Note 5)
(Side or Front Sectional View)
Maximum
Component
Rotation
20
°
T
2
Max.
Notes:
1. A
0B0K0 are determined by the maximum dimensions to the ends of the terminals extending from the component body and/or the body
dimensions of the component. The clearance between the ends of the terminals or body of the component to the sides and depth of
the cavity (A
0B0K0) must be within 0.002" [0.05mm] minimum and 0.020" [0.50mm] maximum.
The clearance allowed must also prevent
rotation of the component within the cavity of not more than 20 degrees.
2. Tape with components shall pass around radius "R" without damage. The minimum trailer length may require additional length to
provide R minimum for 12mm embossed tape for reels with hub diameters approaching N minimum.
3. This dimension is the flat area from the edge of the sprocket hole to either the outward deformation of the carrier tape between the
embossed cavities or to the edge of the cavity whichever is less.
4. This dimension is the flat area from the edge of the carrier tape opposite the sprocket holes to either the outward deformation of the
carrier tape between the embossed cavity or to the edge of the cavity whichever is less.
5. The embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. Dimensions of
embossment location and hole location shall be applied independent of each other.
6. B
1 dimension is a reference dimension for tape feeder clearance only.
A
0 B0 K0
TAPE
SIZE
12mm
12mm
Double Pitch
B
1 (Max.)
(Note 6)
0.323
[8.2]
0.323
[8.2]
D
1 (Min.)
(Note 5)
0.059
[1.5]
0.059
[1.5]
F
0.217 ± 0.002
[5.5 ± 0.05]
0.453 ± 0.004
[11.5 ± 0.03]
P
1
0.157 ± 0.004
[4.0 ± 0.1]
0.315 ± 0.004
[8.0 ± 0.1]
R (Min.)
(Note 2)
1.181
[30.0]
1.181
[30.0]
T
2
(Max.)
0.256
[6.5]
0.256
[6.5]
W
0.472 ± 0.012
[12.0 ± 0.30]
0.945 ± 0.012
[24.0 ± 0.03]
(Note 1)
TAPE AND REEL PACKAGING in inches [millimeters]
DIRECTION OF FEED
Cathode (-)
Anode (+)


Similar Part No. - 594D390X0-035B2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D3976R3R VISHAY-594D3976R3R Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D3976R3R VISHAY-594D3976R3R Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D397X_6R3R2T VISHAY-594D397X_6R3R2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
More results

Similar Description - 594D390X0-035B2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
594D476X9016C2T VISHAY-594D476X9016C2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
594D686X0010C2T VISHAY-594D686X0010C2T Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D108X06R3R2T VISHAY-594D108X06R3R2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
591D VISHAY-591D Datasheet
146Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision 22-Nov-04
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com