Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

594D33X9-025B2T Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 594D33X9-025B2T
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV, Low ESR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

594D33X9-025B2T Datasheet(HTML) 4 Page - Vishay Siliconix

  594D33X9-025B2T Datasheet HTML 1Page - Vishay Siliconix 594D33X9-025B2T Datasheet HTML 2Page - Vishay Siliconix 594D33X9-025B2T Datasheet HTML 3Page - Vishay Siliconix 594D33X9-025B2T Datasheet HTML 4Page - Vishay Siliconix 594D33X9-025B2T Datasheet HTML 5Page - Vishay Siliconix 594D33X9-025B2T Datasheet HTML 6Page - Vishay Siliconix 594D33X9-025B2T Datasheet HTML 7Page - Vishay Siliconix 594D33X9-025B2T Datasheet HTML 8Page - Vishay Siliconix 594D33X9-025B2T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
69
594D
Vishay Sprague
Document Number 40006
Revision 09-Mar-05
For technical questions, contact tantalum@vishay.com
TYPICAL CURVES @ + 25°C, IMPEDANCE AND ESR VS FREQUENCY
100
1K
10K
100K
1M
10M
FREQUENCY IN HERTZ
220
µF, 6.3 VDC
33
µF, 25 VDC
"D" Case
"C" Case
"R" Case
33
µF, 35 VDC
390
µF, 6.3 VDC
50 WVDC @ + 85
°C, SURGE = 65 V . . . 33 WVDC @ + 125°C, SURGE = 38 V
"B" Case
100
10
1.0
0.1
0.01
100
10
1.0
0.1
0.01
100
10
1.0
0.1
0.01
15
µF, 25 VDC
120
µF, 6.3 VDC
IMPEDANCE
ESR
IMPEDANCE
ESR
IMPEDANCE
ESR
1000
100
10
1
0.1
IMPEDANCE
ESR
2.2
µF, 35 VDC
22
µF, 6.3 VDC
FREQUENCY IN HERTZ
100
1K
10K
100K
1M
10M
FREQUENCY IN HERTZ
FREQUENCY IN HERTZ
100
1K
10K
100K
1M
10M
100
1K
10K
100K
1M
10M
Max. DF
@ + 25
°C
120 Hz
(%)
Max. ESR
@ + 25
°C
100kHz
(Ohms)
PART NUMBER**
CASE
CODE
CAPACITANCE
(
µF)
Max. RIPPLE
100kHz
Irms
(Amps)
Max. DCL
@ + 25
°C
(
µA)
STANDARD / EXTENDED RATINGS
*Preliminary values, contact factory for availability. For 10% tolerance, specify "9"; for 20% tolerance, change to "0". Extended Range ratings in bold print.
1.0
4.7
6.8
15
4
6
6
6
B
C
D
R
594D105X_050B2T
594D475X_050C2T
594D685X_050D2T
594D156X_050R2T
3.5
1.0
.45
.35
0.16
0.33
0.58
0.85
0.5
2.4
3.4
7.5


Similar Part No. - 594D33X9-025B2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D336004B VISHAY-594D336004B Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D336004B VISHAY-594D336004B Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D336010B VISHAY-594D336010B Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D336010B VISHAY-594D336010B Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D336016B VISHAY-594D336016B Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
More results

Similar Description - 594D33X9-025B2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
594D476X9016C2T VISHAY-594D476X9016C2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
594D686X0010C2T VISHAY-594D686X0010C2T Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
594D108X06R3R2T VISHAY-594D108X06R3R2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
591D VISHAY-591D Datasheet
146Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
Revision 22-Nov-04
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com