Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1C4F240I6ES Datasheet(PDF) 4 Page - Altera Corporation

Part # EP1C4F240I6ES
Description  Cyclone FPGA Family Data Sheet
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C4F240I6ES Datasheet(HTML) 4 Page - Altera Corporation

  EP1C4F240I6ES Datasheet HTML 1Page - Altera Corporation EP1C4F240I6ES Datasheet HTML 2Page - Altera Corporation EP1C4F240I6ES Datasheet HTML 3Page - Altera Corporation EP1C4F240I6ES Datasheet HTML 4Page - Altera Corporation EP1C4F240I6ES Datasheet HTML 5Page - Altera Corporation EP1C4F240I6ES Datasheet HTML 6Page - Altera Corporation EP1C4F240I6ES Datasheet HTML 7Page - Altera Corporation EP1C4F240I6ES Datasheet HTML 8Page - Altera Corporation EP1C4F240I6ES Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 104 page
background image
1–2
Altera Corporation
Preliminary
January 2007
Cyclone Device Handbook, Volume 1
Features
The Cyclone device family offers the following features:
2,910 to 20,060 LEs, see Table 1–1
Up to 294,912 RAM bits (36,864 bytes)
Supports configuration through low-cost serial configuration device
Support for LVTTL, LVCMOS, SSTL-2, and SSTL-3 I/O standards
Support for 66- and 33-MHz, 64- and 32-bit PCI standard
High-speed (640 Mbps) LVDS I/O support
Low-speed (311 Mbps) LVDS I/O support
311-Mbps RSDS I/O support
Up to two PLLs per device provide clock multiplication and phase
shifting
Up to eight global clock lines with six clock resources available per
logic array block (LAB) row
Support for external memory, including DDR SDRAM (133 MHz),
FCRAM, and single data rate (SDR) SDRAM
Support for multiple intellectual property (IP) cores, including
Altera® MegaCore® functions and Altera Megafunctions Partners
Program (AMPPSM) megafunctions.
Table 1–1. Cyclone Device Features
Feature
EP1C3
EP1C4
EP1C6
EP1C12
EP1C20
LEs
2,910
4,000
5,980
12,060
20,060
M4K RAM blocks (128
× 36 bits)
1317205264
Total RAM bits
59,904
78,336
92,160
239,616
294,912
PLLs
12222
Maximum user I/O pins (1)
104
301
185
249
301
Note to Table 1–1:
(1)
This parameter includes global clock pins.


Similar Part No. - EP1C4F240I6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C4F240I6 ALTERA-EP1C4F240I6 Datasheet
1Mb / 94P
   Cyclone FPGA Family
More results

Similar Description - EP1C4F240I6ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
logo
Xilinx, Inc
XC3SD3400A-5FG676C XILINX-XC3SD3400A-5FG676C Datasheet
2Mb / 101P
   Spartan-3A DSP FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com