Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7602MX Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN7602MX
Description  Green Current Mode PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7602MX Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN7602MX Datasheet HTML 7Page - Fairchild Semiconductor FAN7602MX Datasheet HTML 8Page - Fairchild Semiconductor FAN7602MX Datasheet HTML 9Page - Fairchild Semiconductor FAN7602MX Datasheet HTML 10Page - Fairchild Semiconductor FAN7602MX Datasheet HTML 11Page - Fairchild Semiconductor FAN7602MX Datasheet HTML 12Page - Fairchild Semiconductor FAN7602MX Datasheet HTML 13Page - Fairchild Semiconductor FAN7602MX Datasheet HTML 14Page - Fairchild Semiconductor FAN7602MX Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7602 Rev. 1.0.2
11
Figure 22. CS/FB Pin Voltage Waveforms
4. Burst Mode Block
The FAN7602 contains the burst mode block to reduce
the power loss at a light load and no load as the
FAN7601. A hysteresis comparator senses the offset
voltage of the Burst+ for the burst mode as shown in Fig-
ure 23. The Burst+ is the sum of the CS/FB voltage and
Plimit offset voltage. The FAN7602 enters the burst
mode when the offset voltage of the Burst+ is higher than
0.95V and exits the burst mode when the offset voltage
is lower than 0.88V. The offset voltage is sensed during
the switch off time.
Figure 23. Burst Mode Block
5. Protection Block
The FAN7602 contains several protection functions to
improve system reliability.
5.1 Overload Protection
The FAN7602 contains the overload protection function.
If the output load is higher than the rated output current,
the output voltage drops and the feedback error amplifier
is saturated. The offset of the CS/FB voltage represent-
ing the feedback information is almost zero. As shown in
Figure 24, the CS/FB voltage is compared with 50mV
reference when the internal clock signal is high and, if
the voltage is lower than 50mV, the OLP timer starts
counting. If the OLP condition persists for 22ms, the
timer generates the OLP signal. And this protection is
reset by the UVLO. The OLP block is enabled after the
soft-start finishes.
Figure 24. Overload Protection Circuit
5.2 Line Under-Voltage Protection
If the input voltage of the converter is lower than the min-
imum operating voltage, the converter input current
increases too much, causing components failure. There-
fore, if the input voltage is low, the converter should be
protected. In the FAN7602, the LUVP circuit senses the
input voltage using the LUVP pin and, if this voltage is
lower than 2V, the LUVP signal is generated. The com-
parator has 0.5V hysteresis. If the LUVP signal is gener-
ated, the output drive block is shut down, the output
voltage feedback loop is saturated, and the OLP works if
the LUVP condition persists more than 22ms.
Figure 25. Line UVP Circuit
5.3 Latch Protection
The latch protection is provided to protect the system
against abnormal conditions using the Latch/Plimit pin.
The Latch/Plimit pin can be used for the output over-
voltage protection and/or other protections. If the Latch/
Plimit pin voltage is made higher than 4V by an external
circuit, the IC is shut down. The latch protection is reset
when the VCC voltage is lower than 5V.
5.4 Over-Voltage Protection (OVP)
If the VCC voltage reaches 19V, the IC shuts down and
the OVP protection is reset when the VCC voltage is
lower than 5V.
6. Output Drive Block
The FAN7602 contains a single totem-pole output stage
to drive a power MOSFET. The drive output is capable of
up to 450mA sourcing current and 600mA sinking cur-
rent with typical rise and fall time of 45ns, 35ns respec-
tively with a 1nF load.
PWM+
CS/FB
GND
On Time
FB
Offset
1V
Power Limit
Offset
(a) Low Power Limit Offset Case
PWM+
CS/FB
GND
On Time
FB
Offset
1V
Power Limit
Offset
(b) High Power Limit Offset Case
FAN7602 Rev. 02
CS /F B
De la y
Circ u it
3
+
0.95V /0 .88V
Bu rs t+
Offs e t
FA N7 60 2 R e v. 0 2
OLP
50mV
22ms
Timer
Soft-Start
Clock
CS/FB
3
FAN7602 Rev. 02
2V/1.5V
1
+
LUVP
Vin
FAN7602 Rev. 02


Similar Part No. - FAN7602MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7602 FAIRCHILD-FAN7602 Datasheet
897Kb / 17P
   Green Current Mode PWM Controller
FAN7602B FAIRCHILD-FAN7602B Datasheet
1Mb / 17P
   Green Current-Mode PWM Controller
FAN7602BM FAIRCHILD-FAN7602BM Datasheet
1Mb / 17P
   Green Current-Mode PWM Controller
FAN7602BMX FAIRCHILD-FAN7602BMX Datasheet
1Mb / 17P
   Green Current-Mode PWM Controller
FAN7602BN FAIRCHILD-FAN7602BN Datasheet
1Mb / 17P
   Green Current-Mode PWM Controller
More results

Similar Description - FAN7602MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7601B FAIRCHILD-FAN7601B_12 Datasheet
677Kb / 10P
   Green Current Mode PWM Controller
FAN7602C FAIRCHILD-FAN7602C Datasheet
509Kb / 19P
   Green Current Mode PWM Controller
logo
ON Semiconductor
FAN7602C ONSEMI-FAN7602C Datasheet
475Kb / 19P
   Green Current Mode PWM Controller
Rev. 1.0.1
logo
Fairchild Semiconductor
FAN7601 FAIRCHILD-FAN7601 Datasheet
411Kb / 12P
   Green Current Mode PWM Controller
FAN7602B FAIRCHILD-FAN7602B Datasheet
1Mb / 17P
   Green Current-Mode PWM Controller
FAN7601B FAIRCHILD-FAN7601B_11 Datasheet
669Kb / 10P
   Green Current Mode PWM Controller
AN-6014 FAIRCHILD-AN-6014 Datasheet
396Kb / 15P
   Green Current Mode PWM Controller
FAN7601B FAIRCHILD-FAN7601B Datasheet
527Kb / 11P
   Green Current Mode PWM Controller
FAN7602 FAIRCHILD-FAN7602 Datasheet
897Kb / 17P
   Green Current Mode PWM Controller
FAN7601 FAIRCHILD-FAN7601_05 Datasheet
585Kb / 12P
   Green Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com