Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV134UAE4 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DRV134UAE4
Description  AUDIO BALANCED LINE DRIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DRV134UAE4 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button DRV134UAE4 Datasheet HTML 4Page - Burr-Brown (TI) DRV134UAE4 Datasheet HTML 5Page - Burr-Brown (TI) DRV134UAE4 Datasheet HTML 6Page - Burr-Brown (TI) DRV134UAE4 Datasheet HTML 7Page - Burr-Brown (TI) DRV134UAE4 Datasheet HTML 8Page - Burr-Brown (TI) DRV134UAE4 Datasheet HTML 9Page - Burr-Brown (TI) DRV134UAE4 Datasheet HTML 10Page - Burr-Brown (TI) DRV134UAE4 Datasheet HTML 11Page - Burr-Brown (TI) DRV134UAE4 Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
®
DRV134, 135
SIGNAL BALANCE RATIO
Signal balance ratio (SBR) measures the symmetry of the
output signals under loaded conditions. To measure SBR an
input signal is applied and the outputs are summed as shown
in Figure 5. VOUT should be zero since each output ideally
is exactly equal and opposite. However, an error signal
results from any imbalance in the outputs. This error is
quantified by SBR. The impedances of the DRV134’s out
put stages are closely matched by laser trimming to mini-
mize SBR errors. In an application, SBR also depends on the
balance of the load network.
SINGLE-ENDED OPERATION
The DRV134 can be operated in single-ended mode without
degrading output drive capability. Single-ended operation
requires that the unused side of the output pair be grounded
(both the VO and Sense pins) to a low impedance return path.
Gain remains +6dB. Grounding the negative outputs as
shown in Figure 6 results in a noninverted output signal
(G = +2) while grounding the positive outputs gives an
inverted output signal (G = –2).
FIGURE 6. Typical Single-Ended Application.
FIGURE 5. Signal Balance Ratio Test Circuit.
600
V
OUT = 2VIN
V
IN
V+
V–
DRV134
8
1
7
2
G = +6dB
4
5
6
3
For best rejection of line noise and hum differential mode
operation is recommended. However, single-ended perfor-
mance is adequate for many applications. In general single-
ended performance is comparable to differential mode (see
THD+N typical performance curves), but the common-
mode and noise rejection inherent in balanced-pair systems
is lost.
CABLE
The DRV134 is capable of driving large signals into 600
loads over long cables. Low impedance shielded audio
cables such as the standard Belden 8451 or 9452 (or similar)
are recommended, especially in applications where long
cable lengths are required.
THERMAL PERFORMANCE
The DRV134 and DRV135 have robust output drive capa-
bility and excellent performance over temperature. In most
applications there is no significant difference between the
DIP, SOL-16, and SO-8 packages. However, for applica-
tions with extreme temperature and load conditions, the
SOL-16 (DRV134UA) or DIP (DRV134PA) packages are
recommended. Under these conditions, such as loads greater
than 600
Ω or very long cables, performance may be de-
graded in the SO-8 (DRV135UA) package.
LAYOUT CONSIDERATIONS
A driver/receiver balanced-pair (such as the DRV134 and
INA137) rejects the voltage differences between the grounds
at each end of the cable, which can be caused by ground
currents, supply variations, etc. In addition to proper bypass-
ing, the suggestions below should be followed to achieve
optimal OCMR and noise rejection.
• The DRV134 input should be driven by a low impedance
source such as an op amp or buffer.
• As is the case for any single-ended system, the source’s
common should be connected as close as possible to the
DRV134’s ground. Any ground offset errors in the source
will degrade system performance.
• Symmetry on the outputs should be maintained.
• Shielded twisted-pair cable is recommended for all appli-
cations. Physical balance in signal wiring should be main-
tained. Capacitive differences due to varying wire lengths
may result in unequal noise pickup between the pair and
degrade OCMR. Follow industry practices for proper sys-
tem grounding of the cables.
V
OUT
V
IN
(
)
600
300
(1)
300
(1)
V
OUT
SBR = –20 Log
at f = 1kHz
V
IN = 10Vp-p
+V
O
–V
O
DRV134
1
µF
+18V
6
8
1
7
2
1
µF
–18V
Gnd
5
4
3
NOTE: (1) Matched to 0.1%.


Similar Part No. - DRV134UAE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV134UAE4 TI1-DRV134UAE4 Datasheet
830Kb / 20P
[Old version datasheet]   AUDIO BALANCED LINE DRIVERS
DRV134UAE4 TI1-DRV134UAE4 Datasheet
1Mb / 30P
[Old version datasheet]   Audio-Balanced Line Drivers
More results

Similar Description - DRV134UAE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV134 BURR-BROWN-DRV134 Datasheet
229Kb / 10P
   AUDIO BALANCED LINE DRIVERS
logo
Texas Instruments
DRV135UAG4 TI1-DRV135UAG4 Datasheet
830Kb / 20P
[Old version datasheet]   AUDIO BALANCED LINE DRIVERS
DRV134 TI1-DRV134 Datasheet
1Mb / 30P
[Old version datasheet]   Audio-Balanced Line Drivers
logo
List of Unclassifed Man...
THAT1420 ETC-THAT1420 Datasheet
120Kb / 8P
   Balanced Line Drivers
logo
STMicroelectronics
BC297 STMICROELECTRONICS-BC297 Datasheet
117Kb / 3P
   AUDIO DRIVERS
logo
Texas Instruments
SN74128NSR TI1-SN74128NSR Datasheet
842Kb / 16P
[Old version datasheet]   LINE DRIVERS
SN54128 TI-SN54128 Datasheet
128Kb / 4P
[Old version datasheet]   LINE DRIVERS
logo
Analog Devices
SSM2142SZ AD-SSM2142SZ Datasheet
676Kb / 8P
   Balanced Line Driver
REV. C
SSM2142 AD-SSM2142 Datasheet
227Kb / 6P
   Balanced Line Driver
REV. B
SSM2142 AD-SSM2142_15 Datasheet
676Kb / 8P
   Balanced Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com