Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL30105 Datasheet(PDF) 12 Page - Zarlink Semiconductor Inc

Part # ZL30105
Description  T1/E1/SDH Stratum 3 Redundant System Clock Synchronizer for AdvancedTC TM and H.110
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL30105 Datasheet(HTML) 12 Page - Zarlink Semiconductor Inc

Back Button ZL30105_05 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL30105_05 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL30105_05 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL30105_05 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL30105_05 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL30105_05 Datasheet HTML 13Page - Zarlink Semiconductor Inc ZL30105_05 Datasheet HTML 14Page - Zarlink Semiconductor Inc ZL30105_05 Datasheet HTML 15Page - Zarlink Semiconductor Inc ZL30105_05 Datasheet HTML 16Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
ZL30105
Data Sheet
12
Zarlink Semiconductor Inc.
operation of the reference monitor circuit, the minimum input pulse width restriction of 15 nsec must be
observed.
• Reference Frequency Detector (RFD): This detector determines whether the frequency of the reference
clock is 2 kHz, 8 kHz, 1.544 MHz, 2.048 MHz 8.192 MHz, 16.384 MHz or 19.44 MHz and provides this
information to the various monitor circuits and the phase detector circuit of the DPLL.
• Precise Frequency Monitor (PFM): This circuit determines whether the frequency of the reference clock
is within the selected accuracy range, see Table 1.
• Coarse Frequency Monitor (CFM): This circuit monitors the reference frequency over intervals of
approximately 30
µs to quickly detect large frequency changes.
• Single Cycle Monitor (SCM): This detector checks the period of a single clock cycle to detect large
phase hits or the complete loss of the clock.
Figure 3 - Reference Monitor Circuit
Exceeding the thresholds of any of the monitors forces the corresponding REF_FAIL pin to go high. The single
cycle and coarse frequency failure flags force the DPLL into Holdover mode and feed a timer that disqualifies the
reference input signal when the failures are present for more than 2.5 s. The single cycle and coarse frequency
failures must be absent for 10 s to let the timer re-qualify the input reference signal as valid. Multiple failures of less
than 2.5 s each have an accumulative effect and will disqualify the reference eventually. This is illustrated in Figure
4 where REF0 experiences disruptions while REF1 is stable.
Reference Frequency
Detector
Single Cycle
Monitor
Precise Frequency
Monitor
Coarse Frequency
Monitor
dis/requalify
timer
REF0 /
REF1 /
REF2
OR
OR
OR
REF_OOR = reference out of range.
REF_DIS= reference disrupted.
Both are internal signals.
Reference
select
state machine
REF_SEL1:0
REF_OOR
Mode select
state machine
HOLDOVER
REF_DIS
REF_FAIL0 /
REF_FAIL1 /
REF_FAIL2


Similar Part No. - ZL30105_05

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30105QDG ZARLINK-ZL30105QDG Datasheet
691Kb / 50P
   T1/E1/SDH Stratum 3 Redundant System Clock Synchonizer for AdvancedTCA and H.110
More results

Similar Description - ZL30105_05

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30105 ZARLINK-ZL30105 Datasheet
691Kb / 50P
   T1/E1/SDH Stratum 3 Redundant System Clock Synchonizer for AdvancedTCA and H.110
ZL30102 ZARLINK-ZL30102_05 Datasheet
988Kb / 48P
   T1/E1 Stratum 4/4E Redundant System Clock Synchronizer for DS1/E1 and H.110
ZL30102 ZARLINK-ZL30102 Datasheet
481Kb / 50P
   T1/E1 Stratum 4/4E Redundant System Clock Synchronizer for DS1/E1 and H.110
ZL30101 ZARLINK-ZL30101_06 Datasheet
364Kb / 35P
   T1/E1 Stratum 3 System Synchronizer
ZL30101 ZARLINK-ZL30101 Datasheet
534Kb / 34P
   T1/E1 Stratum 3 System Synchronizer
ZL30409 ZARLINK-ZL30409 Datasheet
483Kb / 32P
   T1/E1 System Synchronizer with Stratum 3 Holdover
ZL30409 ZARLINK-ZL30409_06 Datasheet
412Kb / 32P
   T1/E1 System Synchronizer with Stratum 3 Holdover
MT9043 ZARLINK-MT9043 Datasheet
453Kb / 29P
   T1/E1 System Synchronizer
ZL30100 ZARLINK-ZL30100_06 Datasheet
384Kb / 36P
   T1/E1 System Synchronizer
ZL30100 ZARLINK-ZL30100 Datasheet
560Kb / 34P
   T1/E1 System Synchronizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com