Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSTCC10.0MGA Datasheet(PDF) 26 Page - STMicroelectronics

Part # CSTCC10.0MGA
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CSTCC10.0MGA Datasheet(HTML) 26 Page - STMicroelectronics

Back Button CSTCC10.0MGA Datasheet HTML 22Page - STMicroelectronics CSTCC10.0MGA Datasheet HTML 23Page - STMicroelectronics CSTCC10.0MGA Datasheet HTML 24Page - STMicroelectronics CSTCC10.0MGA Datasheet HTML 25Page - STMicroelectronics CSTCC10.0MGA Datasheet HTML 26Page - STMicroelectronics CSTCC10.0MGA Datasheet HTML 27Page - STMicroelectronics CSTCC10.0MGA Datasheet HTML 28Page - STMicroelectronics CSTCC10.0MGA Datasheet HTML 29Page - STMicroelectronics CSTCC10.0MGA Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 153 page
background image
ST72334J/N, ST72314J/N, ST72124J
26/153
9 SUPPLY, RESET AND CLOCK MANAGEMENT
The ST72334J/N, ST72314J/N and ST72124J mi-
crocontrollers include a range of utility features for
securing the application in critical situations (for
example in case of a power brown-out), and re-
ducing the number of external components. An
overview is shown in Figure 12.
See Section 16 "ELECTRICAL CHARACTERIS-
TICS" on page 107 for more details.
Main Features
s
Supply Manager with main supply low voltage
detection (LVD)
s
Reset Sequence Manager (RSM)
s
Multi-Oscillator (MO)
– 4 Crystal/Ceramic resonator oscillators
– 1 External RC oscillator
– 1 Internal RC oscillator
s
Clock Security System (CSS)
–Clock Filter
– Backup Safe Oscillator
Figure 12. Clock, Reset and Supply Block Diagram
IE
D
0
0
0
0
RF
RF
CRSR
CSS
WDG
fOSC
CSS INTERRUPT
LVD
LOW VOLTAGE
DETECTOR
(LVD)
MULTI-
OSCILLATOR
(MO)
FROM
WATCHDOG
PERIPHERAL
OSC1
RESET
VDD
VSS
RESET SEQUENCE
MANAGER
(RSM)
CLOCK
FILTER
SAFE
OSC
CLOCK SECURITY SYSTEM
(CSS)
OSC2
TO
MAIN CLOCK
CONTROLLER


Similar Part No. - CSTCC10.0MGA

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTCC10M0G53-B0 MURATA-CSTCC10M0G53-B0 Datasheet
503Kb / 13P
   Specification of Piezoelectric Ceramic Resonator
CSTCC10M0G53-R0 MURATA-CSTCC10M0G53-R0 Datasheet
503Kb / 13P
   Specification of Piezoelectric Ceramic Resonator
CSTCC10M0G53A-R0 MURATA-CSTCC10M0G53A-R0 Datasheet
946Kb / 17P
   MHz Chip Type -Tight Frequency Tolerance for Automotive-
More results

Similar Description - CSTCC10.0MGA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72334J STMICROELECTRONICS-ST72334J Datasheet
1,022Kb / 125P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72334XX-AUTO STMICROELECTRONICS-ST72334XX-AUTO Datasheet
3Mb / 150P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
ST72104G STMICROELECTRONICS-ST72104G Datasheet
1Mb / 140P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
ST72104G STMICROELECTRONICS-ST72104G Datasheet
909Kb / 135P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES
February 2000 Rev. 2.2
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
August 2003 Rev. 1.7
ST72260GX STMICROELECTRONICS-ST72260GX Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72104GX-AUTO STMICROELECTRONICS-ST72104GX-AUTO Datasheet
3Mb / 135P
   8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
ST7FOXF1 STMICROELECTRONICS-ST7FOXF1 Datasheet
3Mb / 226P
   8-bit MCU with single voltage Flash memory, SPI, I짼C, ADC, timers
ST7LITEUSX STMICROELECTRONICS-ST7LITEUSX Datasheet
1Mb / 108P
   8-bit MCU with single voltage Flash memory, ADC, timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com