Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA103KPG4 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA103KPG4
Description  Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA103KPG4 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button INA103KPG4 Datasheet HTML 6Page - Burr-Brown (TI) INA103KPG4 Datasheet HTML 7Page - Burr-Brown (TI) INA103KPG4 Datasheet HTML 8Page - Burr-Brown (TI) INA103KPG4 Datasheet HTML 9Page - Burr-Brown (TI) INA103KPG4 Datasheet HTML 10Page - Burr-Brown (TI) INA103KPG4 Datasheet HTML 11Page - Burr-Brown (TI) INA103KPG4 Datasheet HTML 12Page - Burr-Brown (TI) INA103KPG4 Datasheet HTML 13Page - Burr-Brown (TI) INA103KPG4 Datasheet HTML 14Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
®
INA103
11
12
7
5
RG
16
15
13
14
6
2
1
INA103
V
OUT
R
F
11 10
R
F
G = 1+
2R
R
G
F
NOTE: AD625 equivalent pinout.
VIN
R
F > 10kΩ can increase noise and reduce bandwidth—see text.
FIGURE 7. Gain Adjustment of Output Stage.
FIGURE 8. Use of External Resistors for Gain Set.
OUTPUT STAGE
R1 and R3
R2
GAIN
(k
)()
2
1k
2.4k
5
1.2k
632
10
1.2k
273
(R2 || 12k) + R1 + R3
(R2 || 12k)
Output Stage Gain =
11
10
7
16
15
13
14
6
2
1
INA103
VOUT
R3
R2
R1
∆VIN
A common problem with many IC op amps and instrumentation amplifiers is shown in (a). Here, the amplifier’s input is driven beyond its linear common-mode
range, forcing the output of the amplifier into the supply rails. The output then “folds back”, i.e., a more positive input voltage now causes the output of the amplifier
to go negative. The INA103 has protection circuitry to prevent fold-back, and as shown in (b), limits cleanly.
(a) AD625 G = 1, V
IN
=
±15V, R
L
= 600
(b) INA103 G = 1, V
IN
=
±15V, R
L
= 600
FIGURE 9. INA103 Overload Condition Performance.
11
10
7
VIN
16
15
13
14
6
2
1
INA103
VOUT
RG
V+
V–
MJ15012
100
MJ15011
(To headphone
or speaker)
Buffer inside feedback loop
11
10
7
16
15
13
14
6
2
1
INA103
20
CMR
Trim
10
∆VIN
Gain = 1V/V
(0dB)
Introduces
approximately
+0.2% Gain Error.
FIGURE 11. Increasing Output Circuit Drive.
FIGURE 10. Optional Circuit for Externally Trimming CMR.


Similar Part No. - INA103KPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA103KPG4 TI1-INA103KPG4 Datasheet
785Kb / 17P
[Old version datasheet]   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA103KPG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103 Datasheet
297Kb / 12P
   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA163 BURR-BROWN-INA163 Datasheet
250Kb / 11P
   Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA103AG TI1-INA103AG Datasheet
785Kb / 17P
[Old version datasheet]   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA163 BURR-BROWN-INA163_06 Datasheet
249Kb / 11P
   Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA217 TI1-INA217 Datasheet
966Kb / 25P
[Old version datasheet]   Low-Noise, Low-Distortion Instrumentation Amplifier Replacement
INA166 TI1-INA166_08 Datasheet
333Kb / 11P
[Old version datasheet]   Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA166 TI-INA166 Datasheet
148Kb / 9P
[Old version datasheet]   Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA166 TI-INA166_06 Datasheet
147Kb / 9P
[Old version datasheet]   Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA217 TI-INA217_07 Datasheet
342Kb / 11P
[Old version datasheet]   Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
INA217 TI-INA217 Datasheet
219Kb / 11P
[Old version datasheet]   Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com