Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54HC4060 Datasheet(PDF) 1 Page - Texas Instruments

Part No. SN54HC4060
Description  14-STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN54HC4060 Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC4060_06 Datasheet HTML 1Page - Texas Instruments SN54HC4060_06 Datasheet HTML 2Page - Texas Instruments SN54HC4060_06 Datasheet HTML 3Page - Texas Instruments SN54HC4060_06 Datasheet HTML 4Page - Texas Instruments SN54HC4060_06 Datasheet HTML 5Page - Texas Instruments SN54HC4060_06 Datasheet HTML 6Page - Texas Instruments SN54HC4060_06 Datasheet HTML 7Page - Texas Instruments SN54HC4060_06 Datasheet HTML 8Page - Texas Instruments SN54HC4060_06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SN54HC4060, SN74HC4060
14STAGE ASYNCHRONOUS BINARY COUNTERS AND OSCILLATORS
SCLS161D − DECEMBER 1982 − REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 14 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Allow Design of Either RC- or
Crystal-Oscillator Circuits
SN54HC4060 ...J OR W PACKAGE
SN74HC4060 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
SN54HC4060 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
QL
QM
QN
QF
QE
QG
QD
GND
VCC
QJ
QH
QI
CLR
CLKI
CLKO
CLKO
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
QH
QI
NC
CLR
CLKI
QN
QF
NC
QE
QG
description/ordering information
The ’HC4060 devices consist of an oscillator section and 14 ripple-carry binary counter stages. The oscillator
configuration allows design of either RC- or crystal-oscillator circuits. A high-to-low transition on the clock (CLKI)
input increments the counter. A high level at the clear (CLR) input disables the oscillator (CLKO goes high and
CLKO goes low) and resets the counter to zero (all Q outputs low).
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC4060N
SN74HC4060N
Tube of 40
SN74HC4060D
SOIC − D
Reel of 2500
SN74HC4060DR
HC4060
SOIC − D
Reel of 250
SN74HC4060DT
HC4060
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HC4060NSR
HC4060
−40 C to 85 C
SSOP − DB
Reel of 2000
SN74HC4060DBR
HC4060
Tube of 90
SN74HC4060PW
TSSOP − PW
Reel of 2000
SN74HC4060PWR
HC4060
TSSOP − PW
Reel of 250
SN74HC4060PWT
HC4060
CDIP − J
Tube of 25
SNJ54HC4060J
SNJ54HC4060J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC4060W
SNJ54HC4060W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC4060FK
SNJ54HC4060FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn