Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N139W Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # 6N139W
Description  Low Input Current High Gain Split Darlington Optocouplers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N139W Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button 6N139W Datasheet HTML 4Page - Fairchild Semiconductor 6N139W Datasheet HTML 5Page - Fairchild Semiconductor 6N139W Datasheet HTML 6Page - Fairchild Semiconductor 6N139W Datasheet HTML 7Page - Fairchild Semiconductor 6N139W Datasheet HTML 8Page - Fairchild Semiconductor 6N139W Datasheet HTML 9Page - Fairchild Semiconductor 6N139W Datasheet HTML 10Page - Fairchild Semiconductor 6N139W Datasheet HTML 11Page - Fairchild Semiconductor 6N139W Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
www.fairchildsemi.com
Single-Channel: 6N138, 6N139 Dual-Channel: HCPL-2730, HCPL-2731 Rev. 1.0.2
Fig. 15 Output Current vs
Input Diode Forward Current
(HCPL-2730 / HCPL-2731 Only)
IF - INPUT DIODE FORWARD CURRENT - mA
IF - INPUT DIODE FORWARD CURRENT - mA
0.1
1
10
100
0.1
1
10
100
TA = -40˚C
TA = 25˚C
TA = 85˚C
VCC = 5.0 V
VO = 0.4 V
Fig. 14 Output Current vs. Input Diode Forward Current
(6N138 / 6N139 Only)
0.01
0.1
1
10
0
0
1
10
100
TA = -40˚C
TA = 0˚C
TA = 25˚C
TA = 70˚C
VCC = 5 V
VO = 0.4 V
TA = 85˚C
Fig. 13 Output Current vs Output Voltage
(HCPL-2730 / HCPL-2731 Only)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
20
40
60
80
100
120
TA = 25˚C
VCC = 5.0 V
IF = 4.0 mA
IF = 5.0 mA
IF = 1.0 mA
IF = 0.5 mA
IF = 2.0 mA
IF = 2.5 mA
IF = 3.0 mA
IF = 1.5 mA
IF = 4.5 mA
IF = 3.5 mA
Fig. 12 Output Current vs Output Voltage
(6N138 / 6N139 Only)
VO - OUTPUT VOLTAGE (V)
VO - OUTPUT VOLTAGE (V)
01
2
0
10
20
30
40
50
60
1 mA
2 mA
5 mA
3 mA
1.5 mA
2.5 mA
3.5 mA
4 mA
4.5 mA
VCC = 5V
TA = 25˚C
Fig. 11 Current Transfer Ratio vs. Forward Current
(HCPL-2730 / HCPL-2731 Only)
IF - FORWARD CURRENT - mA
RBE - BASE RESISTANCE (kΩ)
0.1
1
10
100
0
1000
2000
3000
4000
5000
VCC = 5 V
VO = 0.4 V
TA = 70˚C
TA = 85˚C
TA = 25˚C
TA = 0˚C
TA = -40˚C
Fig. 10 Current Transfer Ratio vs. Base-Emitter Resistance
(6N138 / 6N139 Only)
110
100
1000
0
200
400
600
800
1000
1200
1400
1600
IF = 1.6 mA
VCC = 5 V
VO = 0.4 V


Similar Part No. - 6N139W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N139W FAIRCHILD-6N139W Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results

Similar Description - 6N139W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com