Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ20Z80-V102 Datasheet(PDF) 19 Page - Texas Instruments

Part # BQ20Z80-V102
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TM TECHNOLOGY FOR USE WITH THE BQ29312A
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z80-V102 Datasheet(HTML) 19 Page - Texas Instruments

Back Button BQ20Z80-V102_07 Datasheet HTML 15Page - Texas Instruments BQ20Z80-V102_07 Datasheet HTML 16Page - Texas Instruments BQ20Z80-V102_07 Datasheet HTML 17Page - Texas Instruments BQ20Z80-V102_07 Datasheet HTML 18Page - Texas Instruments BQ20Z80-V102_07 Datasheet HTML 19Page - Texas Instruments BQ20Z80-V102_07 Datasheet HTML 20Page - Texas Instruments BQ20Z80-V102_07 Datasheet HTML 21Page - Texas Instruments BQ20Z80-V102_07 Datasheet HTML 22Page - Texas Instruments BQ20Z80-V102_07 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
www.ti.com
bq20z80-V102
SLUS681B – NOVEMBER 2005 – REVISED JANUARY 2007
Table 3. DATAFLASH VALUES (continued)
Class
Subclass
Subclass
Offset
Name
Data
Min Value
Max Value
Default
Units
ID
Type
Value
22
xCell1 R_a 10
I2
-32768
32767
315
m
Ω at 0°C
24
xCell1 R_a 11
I2
-32768
32767
437
m
Ω at 0°C
26
xCell1 R_a 12
I2
-32768
32767
651
m
Ω at 0°C
28
xCell1 R_a 13
I2
-32768
32767
1001
m
Ω at 0°C
30
xCell1 R_a 14
I2
-32768
32767
1458
m
Ω at 0°C
Ra Table
94
R_a2x
0
xCell2 R_a flag
H2
0x0000
0xffff
0xffff
2
xCell2 R_a 0
I2
-32768
32767
160
m
Ω at 0°C
4
xCell2 R_a 1
I2
-32768
32767
166
m
Ω at 0°C
6
xCell2 R_a 2
I2
-32768
32767
153
m
Ω at 0°C
8
xCell2 R_a 3
I2
-32768
32767
151
m
Ω at 0°C
10
xCell2 R_a 4
I2
-32768
32767
145
m
Ω at 0°C
12
xCell2 R_a 5
I2
-32768
32767
152
m
Ω at 0°C
14
xCell2 R_a 6
I2
-32768
32767
176
m
Ω at 0°C
16
xCell2 R_a 7
I2
-32768
32767
204
m
Ω at 0°C
18
xCell2 R_a 8
I2
-32768
32767
222
m
Ω at 0°C
20
xCell2 R_a 9
I2
-32768
32767
254
m
Ω at 0°C
22
xCell2 R_a 10
I2
-32768
32767
315
m
Ω at 0°C
24
xCell2 R_a 11
I2
-32768
32767
437
m
Ω at 0°C
26
xCell2 R_a 12
I2
-32768
32767
651
m
Ω at 0°C
28
xCell2 R_a 13
I2
-32768
32767
1001
m
Ω at 0°C
30
xCell2 R_a 14
I2
-32768
32767
1458
m
Ω at 0°C
Ra Table
95
R_a3x
0
xCell3 R_a flag
H2
0x0000
0xffff
0xffff
2
xCell3 R_a 0
I2
-32768
32767
160
m
Ω at 0°C
4
xCell3 R_a 1
I2
-32768
32767
166
m
Ω at 0°C
6
xCell3 R_a 2
I2
-32768
32767
153
m
Ω at 0°C
8
xCell3 R_a 3
I2
-32768
32767
151
m
Ω at 0°C
10
xCell3 R_a 4
I2
-32768
32767
145
m
Ω at 0°C
12
xCell3 R_a 5
I2
-32768
32767
152
m
Ω at 0°C
14
xCell3 R_a 6
I2
-32768
32767
176
m
Ω at 0°C
16
xCell3 R_a 7
I2
-32768
32767
204
m
Ω at 0°C
18
xCell3 R_a 8
I2
-32768
32767
222
m
Ω at 0°C
20
xCell3 R_a 9
I2
-32768
32767
254
m
Ω at 0°C
22
xCell3 R_a 10
I2
-32768
32767
315
m
Ω at 0°C
24
xCell3 R_a 11
I2
-32768
32767
437
m
Ω at 0°C
26
xCell3 R_a 12
I2
-32768
32767
651
m
Ω at 0°C
28
xCell3 R_a 13
I2
-32768
32767
1001
m
Ω at 0°C
30
xCell3 R_a 14
I2
-32768
32767
1458
m
Ω at 0°C
PF Status
96
Device Status
0
PF Flags 1
H2
0x0000
0xffff
0x0000
Data
2
Fuse Flag
H2
0x0000
0xffff
0x0000
4
PF Voltage
U2
0
65535
0
mV
6
PF C4 Voltage
U2
0
9999
0
mV
8
PF C3 Voltage
U2
0
9999
0
mV
10
PF C2 Voltage
U2
0
9999
0
mV
12
PF C1 Voltage
U2
0
9999
0
mV
14
PF Current
I2
-32768
32767
0
mA
16
PF Temperature
U2
0
9999
0
0.1
°K
18
PF Batt Stat
H2
0x0000
0xffff
0x0000
20
PF RC-mAh
U2
0
65535
0
mAh
22
PF RC-10mWh
U2
0
65535
0
10mWh
24
PF Chg Status
H2
0x0000
0xffff
0x0000
19
Submit Documentation Feedback


Similar Part No. - BQ20Z80-V102_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z80-V102 TI-BQ20Z80-V102_08 Datasheet
410Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
More results

Similar Description - BQ20Z80-V102_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z80-V102 TI-BQ20Z80-V102 Datasheet
800Kb / 24P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK-TM TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V101 TI-BQ20Z80-V101_07 Datasheet
1Mb / 75P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V102 TI-BQ20Z80-V102_08 Datasheet
410Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80 TI-BQ20Z80 Datasheet
482Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V101 TI-BQ20Z80-V101 Datasheet
1Mb / 73P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z90-V150 TI1-BQ20Z90-V150 Datasheet
300Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBTR-V150 TI-BQ20Z90DBTR-V150 Datasheet
274Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI-BQ20Z40 Datasheet
463Kb / 18P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI-BQ20Z90_07 Datasheet
672Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI1-BQ20Z40_17 Datasheet
294Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com