Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1620006 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1620006
Description  CA-17M1N8A9502 - Coupler connector
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1620006 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1620006 Datasheet HTML 1Page - PHOENIX CONTACT 1620006 Datasheet HTML 2Page - PHOENIX CONTACT 1620006 Datasheet HTML 3Page - PHOENIX CONTACT 1620006 Datasheet HTML 4Page - PHOENIX CONTACT 1620006 Datasheet HTML 5Page - PHOENIX CONTACT 1620006 Datasheet HTML 6Page - PHOENIX CONTACT 1620006 Datasheet HTML 7Page - PHOENIX CONTACT 1620006 Datasheet HTML 8Page - PHOENIX CONTACT 1620006 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Technical Data
Notes
General
Order 17 x 1 mm crimp contacts separately
Product properties
Product type
Circular connector (cable-side)
Connector
Insulating body
Note
Order information: Order 17 x 1 mm crimp contacts separately
Coding
N
Insulation body material
PA 6.6
Connection method
Crimp connection
Contact switching type
Pin
Feedback, signal
Application
Signal
Number of positions
17
Direction of rotation
Standard
Connection profile
17
Contact diameter
Signal contacts
1 mm
Litz wire cross-section
Signal contacts min.
0.06 mm²
Litz wire cross-section
Signal contacts max.
1 mm²
Nominal current per signal contact
8 A
Rated voltage Signal contact
48 V AC
Rated surge voltage
1.5 kV
Overvoltage category
III
Degree of pollution
3
Housing
Housing material
Turned parts: copper zinc alloy (CuZn), die-cast parts: zinc (GD-
Zn)
Type of locking
for standard and SPEEDCON interlock
Pg screw connection
none
Degree of protection (plugged in)
IP67
Thread type
M23
Seal
External cable diameter
4 mm ... 6 mm
Seal material
FPM
Environmental and real-life conditions
Ambient conditions
CA-17M1N8A9502 - Coupler connector
1620006
https://www.phoenixcontact.com/us/products/1620006
Aug 22, 2023, 1:20 AM
Page 2 (13)


Similar Part No. - 1620006

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1620003 PHOENIX-1620003 Datasheet
456Kb / 13P
   CA-12F1N8A9503 - Coupler connector
1620004 PHOENIX-1620004 Datasheet
450Kb / 13P
   CA-12M2N8A9503 - Coupler connector
1620005 PHOENIX-1620005 Datasheet
433Kb / 13P
   CA-12F2N8A9503 - Coupler connector
1620008 PHOENIX-1620008 Datasheet
425Kb / 13P
   CA-12M1N8A9502 - Coupler connector
1620009 PHOENIX-1620009 Datasheet
434Kb / 13P
   CA-12F1N8A9502 - Coupler connector
More results

Similar Description - 1620006

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1620114 PHOENIX-1620114 Datasheet
64Kb / 4P
   Coupler connector - CA-07P1N129007
1620074 PHOENIX-1620074 Datasheet
65Kb / 4P
   Coupler connector - CA-12P1N129007
1620075 PHOENIX-1620075 Datasheet
64Kb / 4P
   Coupler connector - CA-12S1N129007
1620159 PHOENIX-1620159 Datasheet
259Kb / 5P
   Coupler connector - CA-12P1N1290DN
1620048 PHOENIX-1620048 Datasheet
65Kb / 4P
   Coupler connector - CA-19S1N129007
1620042 PHOENIX-1620042 Datasheet
63Kb / 4P
   Coupler connector - CA-07S1N129008
1620172 PHOENIX-1620172 Datasheet
63Kb / 4P
   Coupler connector - CA-06S1N1290DN
1620144 PHOENIX-1620144 Datasheet
64Kb / 4P
   Coupler connector - CA-06P1N129006
1620024 PHOENIX-1620024 Datasheet
65Kb / 4P
   Coupler connector - CA-17S1N129008
1620045 PHOENIX-1620045 Datasheet
64Kb / 4P
   Coupler connector - CA-06P1N129008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com