Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS7831 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS7831
Description  Dual TRI-STATE Line Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS7831 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS7831 Datasheet HTML 1Page - National Semiconductor (TI) DS7831 Datasheet HTML 2Page - National Semiconductor (TI) DS7831 Datasheet HTML 3Page - National Semiconductor (TI) DS7831 Datasheet HTML 4Page - National Semiconductor (TI) DS7831 Datasheet HTML 5Page - National Semiconductor (TI) DS7831 Datasheet HTML 6Page - National Semiconductor (TI) DS7831 Datasheet HTML 7Page - National Semiconductor (TI) DS7831 Datasheet HTML 8Page - National Semiconductor (TI) DS7831 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Switching Characteristics (Continued)
T
A = 25˚C, VCC = 5V, unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
H1
Propagation Delay from Disable Inputs
to Logical “1” Level (from High
14
22
ns
Impedance State)
t
H0
Propagation Delay from Disable Inputs
to Logical “0” Level (from High
18
27
ns
Impedance State)
Note 2: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. Except for “Operating Temperature Range” they
are not meant to imply that the devices should be operated at these limits. The table of “Electrical Characteristics” provides conditions for actual device operation.
Note 3: Unless otherwise specified min/max limits apply across the −55˚C to +125˚C temperature range for the DS7831 and across the 0˚C to +70˚C range for the
DS8832. All typical values are for TA = 25˚C and VCC = 5V.
Note 4: All currents into device pins shown as positive, out of device pins as negative, all voltage referenced to ground unless otherwise noted. All values shown
as max or min on absolute value basis.
Note 5: Applies for TA = 125˚C only. Only one output should be shorted at a time.
Mode of Operation
To operate as a quad single-ended line driver apply logical
“0”s to the output disable pins (to keep the outputs in the nor-
mal low impedance mode) and apply logical “0”s to both
Differential/Single-ended Mode Control inputs. All four chan-
nels will then operate independently and no signal inversion
will occur between inputs and outputs.
To operate as a dual differential line driver apply logical “0”s
to the Output Disable pins and apply at least one logical “1”
to the Differential/Single-ended Mode Control inputs.
The inputs to the A channels should be connected together
and the inputs to the B channels should be connected to-
gether.
In this mode the signals applied to the resulting inputs will
pass non-inverted on the A
2 and B2 outputs and inverted on
the A
1 and B1 outputs.
When operating in a bus-organized system with outputs tied
directly to outputs of other DS7831, DS8832’s (
Figure 1), all
devices except one must be placed in the “high impedance”
state. This is accomplished by ensuring that a logical “1” is
applied to at least one of the Output Disable pins of each de-
vice which is to be in the “high impedance” state. A NOR gate
was purposely chosen for this function since it is possible
with only two DM5442/DM7442, BCD-to-decimal decoders,
to decode as many as 100 DS7831, DS8832’s (
Figure 2).
The unique device whose Disable inputs receive two logical
“0” levels assumes the normal low impedance output state,
providing good capacitive drive capability and waveform in-
tegrity especially during the transition from the logical “0” to
logical ”1” state. The other outputs — in the high impedance
state — take only a small amount of leakage current from the
low impedance outputs. Since the logical “1” output current
from the selected device is 100 times that of a conventional
Series 54/74 device (40 mA vs. 400 µA), the output is easily
able to supply that leakage current for several hundred other
DS7831/DS8831’s, DS7832/DS8832’s and still have avail-
able drive for the bus line (
Figure 3).
DS005800-2
FIGURE 1.
www.national.com
4


Similar Part No. - DS7831

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS7831 TI1-DS7831 Datasheet
271Kb / 13P
[Old version datasheet]   Dual TRI-STATE Line Driver
logo
National Semiconductor ...
DS7831 NSC-DS7831 Datasheet
148Kb / 8P
   Dual TRI-STATEÉ Line Driver
February 1996
DS7831J NSC-DS7831J Datasheet
148Kb / 8P
   Dual TRI-STATEÉ Line Driver
February 1996
logo
Texas Instruments
DS7831J/883 TI1-DS7831J/883 Datasheet
271Kb / 13P
[Old version datasheet]   Dual TRI-STATE Line Driver
logo
National Semiconductor ...
DS7831J/883 NSC-DS7831J/883 Datasheet
148Kb / 8P
   Dual TRI-STATEÉ Line Driver
February 1996
More results

Similar Description - DS7831

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS7831 TI1-DS7831_11 Datasheet
271Kb / 13P
[Old version datasheet]   Dual TRI-STATE Line Driver
logo
National Semiconductor ...
DS75113 NSC-DS75113 Datasheet
201Kb / 10P
   Dual TRI-STATE Differential Line Driver
DS3587 NSC-DS3587 Datasheet
295Kb / 3P
   QUAD TRI-STATE LINE DRIVER
logo
Texas Instruments
DS3487 TI1-DS3487_15 Datasheet
773Kb / 11P
[Old version datasheet]   Quad TRI-STATE Line Driver
logo
National Semiconductor ...
DS3487 NSC-DS3487 Datasheet
157Kb / 6P
   Quad TRI-STATE Line Driver
logo
Analog Devices
DS8924 AD-DS8924 Datasheet
181Kb / 3P
   Quad TRI-STATE Differential Line Driver
logo
Texas Instruments
DS3487M TI1-DS3487M Datasheet
760Kb / 11P
[Old version datasheet]   DS3487 Quad TRI-STATE Line Driver
logo
National Semiconductor ...
DS7831 NSC-DS7831 Datasheet
148Kb / 8P
   Dual TRI-STATEÉ Line Driver
February 1996
SCAN18540T NSC-SCAN18540T Datasheet
152Kb / 14P
   Inverting Line Driver with TRI-STATE Outputs
logo
STMicroelectronics
ST26C31 STMICROELECTRONICS-ST26C31 Datasheet
57Kb / 10P
   CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com