Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA133 Datasheet(PDF) 12 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # INA133
Description  High-Speed, Precision DIFFERENCE AMPLIFIERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA133 Datasheet(HTML) 12 Page - Burr-Brown (TI)

Back Button INA133_07 Datasheet HTML 8Page - Burr-Brown (TI) INA133_07 Datasheet HTML 9Page - Burr-Brown (TI) INA133_07 Datasheet HTML 10Page - Burr-Brown (TI) INA133_07 Datasheet HTML 11Page - Burr-Brown (TI) INA133_07 Datasheet HTML 12Page - Burr-Brown (TI) INA133_07 Datasheet HTML 13Page - Burr-Brown (TI) INA133_07 Datasheet HTML 14Page - Burr-Brown (TI) INA133_07 Datasheet HTML 15Page - Burr-Brown (TI) INA133_07 Datasheet HTML 16Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
®
INA133, INA2133
Shield
5
6
1
2
INA133
A1
A2
11
12
A3
Output
G = 1 +
50k
R
G
Feedback
3
Noise (60Hz hum)
Noise (60Hz hum)
Transducer or
Analog Signal
13
7
V+
V–
8
Ref
10
25k
25k
25k
25k
INA115
1
25k
25k
4
2
3
14
15
5
R
G
100k
V
1
12
13
A
3
14
1/2 INA2133
2
V
2
V
3
10
9
5
8
V
O = V3 + V4 – V1 – V2
1/2 INA2133
6
V
4
B
FIGURE 13. Instrumentation Amplifier Guard Drive Generator.
FIGURE 14. Precision Summing Instrumentation Amplifier.


Similar Part No. - INA133_07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA133U BURR-BROWN-INA133U Datasheet
190Kb / 15P
   High-Speed, Precision DIFFERENCE AMPLIFIERS
logo
Texas Instruments
INA133U TI-INA133U Datasheet
376Kb / 20P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIERS
INA133U/2K5 TI-INA133U/2K5 Datasheet
376Kb / 20P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIERS
INA133U/2K5E4 TI-INA133U/2K5E4 Datasheet
376Kb / 20P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIERS
logo
Burr-Brown (TI)
INA133UA BURR-BROWN-INA133UA Datasheet
190Kb / 15P
   High-Speed, Precision DIFFERENCE AMPLIFIERS
More results

Similar Description - INA133_07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA133 BURR-BROWN-INA133 Datasheet
190Kb / 15P
   High-Speed, Precision DIFFERENCE AMPLIFIERS
logo
Texas Instruments
INA2133UAE4 TI-INA2133UAE4 Datasheet
376Kb / 20P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIERS
logo
Burr-Brown (TI)
INA157 BURR-BROWN-INA157 Datasheet
80Kb / 8P
   High-Speed, Precision DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA157UA-2K5 TI1-INA157UA-2K5 Datasheet
288Kb / 12P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIER
INA157 TI1-INA157 Datasheet
288Kb / 12P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA143 BURR-BROWN-INA143 Datasheet
145Kb / 10P
   High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
INA2143 BURR-BROWN-INA2143 Datasheet
152Kb / 12P
   High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
INA154 BURR-BROWN-INA154 Datasheet
85Kb / 9P
   High-Speed, Precision DIFFERENCE AMPLIFIER G = 1
logo
Texas Instruments
INA154 TI1-INA154 Datasheet
291Kb / 13P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIER (G = 1)
INA143 TI1-INA143 Datasheet
331Kb / 15P
[Old version datasheet]   DIFFERENCE AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com