Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL1454ACDBR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL1454ACDBR
Description  DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1454ACDBR Datasheet(HTML) 5 Page - Texas Instruments

  TL1454ACDBR Datasheet HTML 1Page - Texas Instruments TL1454ACDBR Datasheet HTML 2Page - Texas Instruments TL1454ACDBR Datasheet HTML 3Page - Texas Instruments TL1454ACDBR Datasheet HTML 4Page - Texas Instruments TL1454ACDBR Datasheet HTML 5Page - Texas Instruments TL1454ACDBR Datasheet HTML 6Page - Texas Instruments TL1454ACDBR Datasheet HTML 7Page - Texas Instruments TL1454ACDBR Datasheet HTML 8Page - Texas Instruments TL1454ACDBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TL1454A, TL1454AY
DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM)
CONTROL CIRCUIT
SLVS423 A– MAY 2002 – REVISED SEPTEMBER 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
error amplifier
R1 and R2 should be tight-tolerance (
±1% or better) devices with low and/or matched temperature coefficients
to minimize output voltage errors. A device with a
±5% tolerance is suitable for R3.
_
+
IN –
IN +
R2
COMP
To PWM
VO
Compensation
Network
REF
R1
R3
Converter
Output
Figure 2. Sense Divider/Error Amplifier Configuration for Converters with Negative Outputs
Figure 2 shows the divider network and error-amplifier configuration for negative output voltages. In general,
the comments for positive output voltages also apply for negative outputs. The output voltage is given by:
V
O +*
R
1
V
ref
R
2
The design procedure for choosing the resistor value is to select a convenient value for R2 (instead of R3 in
the procedure for positive outputs) and calculate R1 and R3 using:
R
1 +*
R
2
V
O
V
ref
R
3 +
R
1
R
2
R
1 )
R
2
Values in the 10-k
Ω to 20-kΩ range work well for R2. R3 can be omitted and the noninverting amplifier connected
to ground in applications where the output voltage tolerance is not critical.
oscillator
The oscillator frequency can be set between 50 kHz and 2 MHz with a resistor connected between RT and GND
and a capacitor between CT and GND (see Figure 3). Figure 6 is used to determine RT and CT for the desired
operating frequency. Both components should be tight-tolerance, temperature-stable devices to minimize
frequency deviation. A 1% metal-film resistor is recommended for RT, and a 10%, or better, NPO ceramic
capacitor is recommended for CT.
RT
CT
RT
CT
TL1454A
21
Figure 3. Oscillator Timing


Similar Part No. - TL1454ACDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1454ACDBR TI1-TL1454ACDBR Datasheet
894Kb / 25P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
More results

Similar Description - TL1454ACDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1454CPW TI1-TL1454CPW Datasheet
384Kb / 25P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454A TI1-TL1454A_14 Datasheet
894Kb / 25P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1454 TI-TL1454 Datasheet
390Kb / 24P
[Old version datasheet]   DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
TL1453C TI-TL1453C Datasheet
116Kb / 7P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL1453CPWR TI1-TL1453CPWR Datasheet
422Kb / 8P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_07 Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_10 Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com