Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N135 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # 6N135
Description  High Speed Transistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N135 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button 6N135_06 Datasheet HTML 4Page - Fairchild Semiconductor 6N135_06 Datasheet HTML 5Page - Fairchild Semiconductor 6N135_06 Datasheet HTML 6Page - Fairchild Semiconductor 6N135_06 Datasheet HTML 7Page - Fairchild Semiconductor 6N135_06 Datasheet HTML 8Page - Fairchild Semiconductor 6N135_06 Datasheet HTML 9Page - Fairchild Semiconductor 6N135_06 Datasheet HTML 10Page - Fairchild Semiconductor 6N135_06 Datasheet HTML 11Page - Fairchild Semiconductor 6N135_06 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
www.fairchildsemi.com
Single-Channel: 6N135, 6N136 , HCPL-2503, HCPL-4502 Dual-Channel: HCPL-2530, HCPL-2531 Rev. 1.0.5
Carrier Tape Specifications
Reflow Profile
0.30 ±0.05
4.0 ±0.1
4.0 ±0.1
Ø1.55 ±0.05
Ø1.6 ±0.1
1.75 ±0.10
12.0 ±0.1
10.30 ±0.20
13.2 ±0.2
0.1 MAX
User Direction of Feed
4.90 ±0.20
16.0 ±0.3
7.5 ±0.1
10.30 ±0.20
• Peak reflow temperature: 225C (package surface temperature)
• Time of temperature higher than 183C for 60–150 seconds
• One time soldering reflow is recommended
215 C, 10–30 s
225 C peak
Time (Minute)
0
300
250
200
150
100
50
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Time above 183C, 60–150 sec
Ramp up = 3C/sec


Similar Part No. - 6N135_06

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
6N135-060 HP-6N135-060 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
More results

Similar Description - 6N135_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com