Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145106DW Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC145106DW
Description  PLL FREQUENCY SYNTHESIZER CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145106DW Datasheet(HTML) 7 Page - Motorola, Inc

  MC145106DW Datasheet HTML 1Page - Motorola, Inc MC145106DW Datasheet HTML 2Page - Motorola, Inc MC145106DW Datasheet HTML 3Page - Motorola, Inc MC145106DW Datasheet HTML 4Page - Motorola, Inc MC145106DW Datasheet HTML 5Page - Motorola, Inc MC145106DW Datasheet HTML 6Page - Motorola, Inc MC145106DW Datasheet HTML 7Page - Motorola, Inc MC145106DW Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC145106
MOTOROLA
7
Figure 5. VHF Aircraft 720 Channel Two Crystal Frequency Synthesizer
5.12 MHz
VDD
GND
RECEIVE
11.31 MHz
(SELECT FREQUENCY TO
GIVE DESIRED R/T OFFSET)
TRANSMIT
10.24 MHz
TRANSMIT
11.0500 MHz
11.0525 MHz
RECEIVE
12.1200 MHz
12.1225 MHz
0
1
0
0
0
1
0
1
810 kHz – 812.5 kHz
N = 324 – 325
LOCK DETECT
AMP
OSC
MIXER
#2
VDD
GND
OFFSET LOOP
PROGRAMMING
÷ N 29 – 1
2.5 kHz
MC145106
REF OSC
AND
÷ 2
÷ 10
MIXER
#1
LOCK DETECT
TRANSMIT
118.000 – 135.975 MHz
(25 kHz STEPS)
RECEIVE
128.700 – 146.675 MHz
10.24 MHz
VCO AND
BUFFER
LOOP
FILTER
VHF LOOP
PROGRAMMING
750 kHz – 2545 kHz
N = 150 – 509
÷ N 29 – 1
5.0 kHz
MC145106
PHASE
DETECTOR
29, 210
DIVIDER
÷ 2
REF
OSC
LOOP
FILTER
VCO AND
BUFFER
PHASE
DETECTOR
29, 210
DIVIDER


Similar Part No. - MC145106DW

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC145106DW LANSDALE-MC145106DW Datasheet
389Kb / 8P
   PLL Frequency Synthesizer CMOS
MC145106DW LANSDALE-MC145106DW Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
More results

Similar Description - MC145106DW

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106 Datasheet
389Kb / 8P
   PLL Frequency Synthesizer CMOS
logo
Fujitsu Component Limit...
MB87001A FUJITSU-MB87001A Datasheet
339Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
MB87014A FUJITSU-MB87014A Datasheet
658Kb / 12P
   CMOS PLL Frequency Synthesizer
MB87073 FUJITSU-MB87073 Datasheet
409Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
logo
Motorola, Inc
MC145170-1 MOTOROLA-MC145170-1 Datasheet
456Kb / 27P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
logo
Analog Devices
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com