Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN8700 Datasheet(PDF) 51 Page - SMSC Corporation

Part # LAN8700
Description  짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWR TM in a Small Footprint
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8700 Datasheet(HTML) 51 Page - SMSC Corporation

Back Button LAN8700 Datasheet HTML 47Page - SMSC Corporation LAN8700 Datasheet HTML 48Page - SMSC Corporation LAN8700 Datasheet HTML 49Page - SMSC Corporation LAN8700 Datasheet HTML 50Page - SMSC Corporation LAN8700 Datasheet HTML 51Page - SMSC Corporation LAN8700 Datasheet HTML 52Page - SMSC Corporation LAN8700 Datasheet HTML 53Page - SMSC Corporation LAN8700 Datasheet HTML 54Page - SMSC Corporation LAN8700 Datasheet HTML 55Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 73 page
background image
±15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM in a Small Footprint
Datasheet
SMSC LAN8700/LAN8700I
51
Revision 1.0 (02-09-07)
DATASHEET
The Phy has an internal Power-On-Reset (POR) signal which is asserted for 21ms following a VDD33
(+3.3V) and VDDCORE (+1.8V) power-up. This internal POR is internally “OR”-ed with the nRST input.
During a Hardware reset, either external or POR, an external clock must be supplied to the CLKIN
signal.
Software (SW) reset: Activated by writing register 0, bit 15 high. This signal is self- clearing. After the
register-write, internal logic extends the reset by 256µs to allow PLL-stabilization before releasing the
logic from reset.
The IEEE 802.3u standard, clause 22 (22.2.4.1.1) states that the reset process should be completed
within 0.5s from the setting of this bit.
Power-Down reset: Automatically activated when the PHY comes out of power-down mode. The
internal power-down reset is extended by 256µs after exiting the power-down mode to allow the PLLs
to stabilize before the logic is released from reset.
These 3 reset sources are combined together in the digital block to create the internal “general reset”,
SYSRST, which is an asynchronous reset and is active HIGH. This SYSRST directly drives the PCS,
DSP and MII blocks. It is also input to the Central Bias block in order to generate a short reset for the
PLLs.
The SMI mechanism and registers are reset only by the Hardware and Software resets. During Power-
Down, the SMI registers are not reset. Note that some SMI register bits are not cleared by Software
reset – these are marked “NASR” in the register tables.
For the first 16us after coming out of reset, the MII will run at 2.5 MHz. After that it will switch to 25
MHz if auto-negotiation is enabled.
5.4.7
LED Description
The PHY provides four LED signals. These provide a convenient means to determine the mode of
operation of the Phy. All LED signals are either active high or active low.
The four LED signals can be either active-high or active-low. Polarity depends upon the Phy address
latched in on reset. The LAN8700/LAN8700I senses each Phy address bit and changes the polarity of
the LED signal accordingly. If the address bit is set as level “1”, the LED polarity will be set to an active-
low. If the address bit is set as level “0”, the LED polarity will be set to an active-high.
The ACTIVITY LED output is driven active when CRS is active (high). When CRS becomes inactive,
the Activity LED output is extended by 128ms.
The LINK LED output is driven active whenever the PHY detects a valid link. The use of the 10Mbps
or 100Mbps link test status is determined by the condition of the internally determined speed selection.
The SPEED100 LED output is driven active when the operating speed is 100Mbit/s or during Auto-
negotiation. This LED will go inactive when the operating speed is 10Mbit/s or during line isolation
(register 31 bit 5).
The Full-Duplex LED output is driven active low when the link is operating in Full-Duplex mode.
5.4.8
Loopback Operation
The 10/100 digital has two independent loop-back modes: Internal loopback and far loopback.
5.4.8.1
Internal Loopback
The internal loopback mode is enabled by setting bit register 0 bit 14 to logic one. In this mode, the
scrambled transmit data (output of the scrambler) is looped into the receive logic (input of the
descrambler). The COL signal will be inactive in this mode, unless collision test (bit 0.7) is active.


Similar Part No. - LAN8700

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN8700 MICROCHIP-LAN8700 Datasheet
939Kb / 74P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
06/23/16
LAN8700C-AEZG MICROCHIP-LAN8700C-AEZG Datasheet
939Kb / 74P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
06/23/16
LAN8700C-AEZG-TR MICROCHIP-LAN8700C-AEZG-TR Datasheet
723Kb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR Technology in a Small Footprint
Revision 2.3 04-12-11
LAN8700C-AEZG-TR MICROCHIP-LAN8700C-AEZG-TR Datasheet
939Kb / 74P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
06/23/16
LAN8700i MICROCHIP-LAN8700i Datasheet
939Kb / 74P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
06/23/16
More results

Similar Description - LAN8700

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN8187 SMSC-LAN8187_06 Datasheet
987Kb / 72P
   짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
logo
Microchip Technology
LAN8700C-AEZG-TR MICROCHIP-LAN8700C-AEZG-TR Datasheet
723Kb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR Technology in a Small Footprint
Revision 2.3 04-12-11
logo
SMSC Corporation
LAN8710 SMSC-LAN8710 Datasheet
1Mb / 79P
   MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology in a Small Footprint
logo
Microchip Technology
LAN8700IC-AEZG MICROCHIP-LAN8700IC-AEZG Datasheet
1Mb / 83P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
Revision 2.3 (04-12-11)
logo
SMSC Corporation
LAN8710A SMSC-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
logo
Microchip Technology
LAN8700 MICROCHIP-LAN8700 Datasheet
939Kb / 74P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
06/23/16
logo
SMSC Corporation
LAN8187 SMSC-LAN8187_11 Datasheet
1Mb / 78P
   짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX & flexPWR짰 Technology
logo
Microchip Technology
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN8187 SMSC-LAN8187 Datasheet
1,006Kb / 66P
   High-Performance MII and RMII 10/100 Ethernet PHY with HP Auto-MDIX
logo
Microchip Technology
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
   Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com