Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYLS-1206ET Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FYLS-1206ET
Description  SMD LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FYLS-1206ET Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FYLS-1206ET Datasheet HTML 1Page - List of Unclassifed Manufacturers FYLS-1206ET Datasheet HTML 2Page - List of Unclassifed Manufacturers FYLS-1206ET Datasheet HTML 3Page - List of Unclassifed Manufacturers FYLS-1206ET Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD LAMP
FYLS-1206XX
REV NO: V.1
PAGE: 2 OF 4
APPROVED : Ying Liming CHECKED :Hu Wei
DRAWN: Zhan Wenqi
Ningbo Foryard Optoelectronics Co.,Ltd
No.115 Qixin Road Jiangdong District Ningbo 315051,Ningbo,Zhejiang, China
Tel:+86-574-87927870 fax:+86-574-87927917
Website:www.foryard.com
■ Electrical-optical characteristics: (Ta=25℃)
Parameter
Symbol
AlGaAs
GaAsP
AlGaInP
InGaN
Unit
Power
Dissipation
Pad
60
80
75
120
mW
Peak Forward
Current *
Ipf
150
150
150
100
mA
Continuous
Forward Current
Iaf
25
30
30
30
mA
Notes:
・* Test Condition = Duty 0.1,10KHZ
■ Package configuration & Internal circuit diagram:
Notes:
・All dimensions are in millimeters (inches)
・Tolerance is ±0.25(0.01")unless otherwise noted.
・Specificaions are subject to change whitout notice.
■ Absolute maximum ratings (Ta=25℃)
Reverse Voltage
5V
Reverse Current
20
µA
Operating Temperature Range
-40℃to+85℃
Storage Temperature Range
-40℃to+85℃
Lead Solder Temperature (1.6mm(1/16”)from body) 230℃ for 5 Seconds


Similar Part No. - FYLS-1206ET

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-1206AW FORYARD-FYLS-1206AW Datasheet
149Kb / 5P
   SMD
FYLS-1206BHRC FORYARD-FYLS-1206BHRC Datasheet
159Kb / 5P
   SMD
FYLS-1206BPGC FORYARD-FYLS-1206BPGC Datasheet
158Kb / 5P
   SMD
FYLS-1206BPGC FORYARD-FYLS-1206BPGC_15 Datasheet
466Kb / 8P
   SMD led lamp
FYLS-1206BSRC FORYARD-FYLS-1206BSRC Datasheet
461Kb / 8P
   SMD led lamp
More results

Similar Description - FYLS-1206ET

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-3020UWWC FORYARD-FYLS-3020UWWC Datasheet
496Kb / 8P
   SMD led lamp
FYLS-3528BLURC FORYARD-FYLS-3528BLURC Datasheet
519Kb / 9P
   SMD led lamp
FYLS-3528PGC FORYARD-FYLS-3528PGC_15 Datasheet
527Kb / 8P
   SMD led lamp
FYLS-3528RGBC-CA FORYARD-FYLS-3528RGBC-CA_15 Datasheet
496Kb / 8P
   SMD led lamp
FYLS-0402SRC FORYARD-FYLS-0402SRC Datasheet
506Kb / 9P
   SMD led lamp
FYLS-0603APGC FORYARD-FYLS-0603APGC Datasheet
514Kb / 8P
   SMD led lamp
FYLS-0805RGBC FORYARD-FYLS-0805RGBC Datasheet
542Kb / 8P
   SMD led lamp
FYLS-0805URUBC FORYARD-FYLS-0805URUBC Datasheet
528Kb / 8P
   SMD led lamp
FYLS-0805URUYC FORYARD-FYLS-0805URUYC Datasheet
528Kb / 8P
   SMD led lamp
FYLS-0805UYUGC FORYARD-FYLS-0805UYUGC Datasheet
527Kb / 8P
   SMD led lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com