Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPG152TA Datasheet(PDF) 1 Page - NEC

Part No. UPG152TA
Description  L, S BAND SPDT GaAs MMIC SWITCH
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPG152TA Datasheet(HTML) 1 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PART NUMBER
UPG152TA
PACKAGE OUTLINE
T06
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
IL
Insertion Loss
f = 0.1 – 2 GHz
dB
0.5
1.0
f = 2.0 – 2.5 GHz
dB
0.8
ISOL
Isolation
f = 0.1 – 2 GHz
dB
20
22
f = 2.0 – 2.5 GHz
dB
20
RLIN
Input Return Loss
f = 0.1 - 2 GHz
dB
11
RLOUT
Output Return Loss
f = 0.1 - 2 GHz
dB
11
P1dB
Input Power at 1 dB Compression
f = 0.1 - 2 GHz
dBm
27
30
IIP3
Input IP3 at f = 900 MHz, VCONT = +3 V
dBm
+48
f = 1900 MHz, VCONT = +3 V
dBm
+44
tSW
Switching Speed
f = 0.1 - 2 GHz
ns
30
ICONT
Control Current
f = 0.1 - 2 GHz, VCONT = 3V/0V, no RF signal
µA
5
FEATURES
• WIDE FREQUENCY RANGE: 100 MHz to 2.5 GHz
• LOW INSERTION LOSS: 0.5 dB Typical at 2.0 GHz
• HIGH P1dB: +30 dBm typ. @ 2 GHz
• LOW CONTROL VOLTAGE: +3V or 0V
• SUPER SMALL SURFACE MOUNT PACKAGE: SOT-26
• AVAILABLE ON TAPE AND REEL
UPG152TA
L, S BAND SPDT GaAs MMIC SWITCH
The UPG152TA is an L-Band Single Pole Double Throw
(SPDT) GaAs MMIC switch developed for digital cellular,
cordless, and PCS handset, WLAN, and other RF control
applications. The device features low insertion loss, high P1dB,
and low voltage operation. It is housed in a super small, low-
cost SOT-26 package and is also available on tape-and-reel.
NEC's stringent quality assurance and test procedures ensure
the highest reliability and performance.
DESCRIPTION
ELECTRICAL CHARACTERISTICS (TA = 25°C, VCONT = 3V/0V)
INTERNAL BLOCK DIAGRAM
California Eastern Laboratories
4
5
6
3
2
1
OUT 2
GND
OUT 1
VCONT2
VCONT1
IN


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn