Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYLS-1206LRT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FYLS-1206LRT
Description  SMD LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FYLS-1206LRT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FYLS-1206LRT Datasheet HTML 1Page - List of Unclassifed Manufacturers FYLS-1206LRT Datasheet HTML 2Page - List of Unclassifed Manufacturers FYLS-1206LRT Datasheet HTML 3Page - List of Unclassifed Manufacturers FYLS-1206LRT Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD LAMP
FYLS-1206XX
REV NO: V.1
PAGE: 1 OF 4
APPROVED : Ying Liming CHECKED :Hu Wei
DRAWN: Zhan Wenqi
Ningbo Foryard Optoelectronics Co.,Ltd
No.115 Qixin Road Jiangdong District Ningbo 315051,Ningbo,Zhejiang, China
Tel:+86-574-87927870 fax:+86-574-87927917
Website:www.foryard.com
■ Features:
・3.2mmx1.6mm SMD, 1.1mm THICKNESS.
・STANDARD BRIGHTNESS.
・LOW POWER CONSUMPTION.
・WIDE VIEWING ANGLE.
・IDEAL FOR BACKLIGHT AND INDICATOR.
・PACKAGE : REEL.
■ Part No.:
FYLS-1206Hx
FYLS-1206SRx
FYLS-1206LRx
FYLS-1206URx
FYLS-1206Ex
FYLS-1206Ax
FYLS-1206Yx
FYLS-1206Gx
Note:X = Len Color: C=Water Clear, D=Color Diffused, T=Color Trans
■ Description:
・Color Code & Chip characteristics: (Test Condition: IF=20mA)
Forward
Voltage(VF)
Unit:V
Emitting Color
Dice
Material
Peak
Wave
Length
P)
Spectral
Line
halfwidth(△
λ1/2)
Typ
Max
Luminous
Intensity
(Iv)
Unit:ucd
H
Red
GaP/GaP
700nm
90nm
2.25
2.60
500
S
Hi Red
GaAlAs/GaAs,SH
660nm
20nm
1.85
2.20
3500
LR
Super Red
AlGaAs,DH
660nm
20nm
1.85
2.20
6000
UR
Ultra Red
GaAlAs/GaAs,DD
H
660nm
20nm
1.85
2.20
7000
E
Orange
GaAsP/GaP
635nm
35nm
2.10
2.50
2500
A
Amber
GaAsP
610nm
35nm
2.10
2.50
2000
Y
Yellow
GaAsP/GaP
585nm
35nm
2.10
2.50
2000
G
Green
GaP/GaP
570nm
30nm
2.20
2.50
2500


Similar Part No. - FYLS-1206LRT

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-1206AW FORYARD-FYLS-1206AW Datasheet
149Kb / 5P
   SMD
FYLS-1206BHRC FORYARD-FYLS-1206BHRC Datasheet
159Kb / 5P
   SMD
FYLS-1206BPGC FORYARD-FYLS-1206BPGC Datasheet
158Kb / 5P
   SMD
FYLS-1206BPGC FORYARD-FYLS-1206BPGC_15 Datasheet
466Kb / 8P
   SMD led lamp
FYLS-1206BSRC FORYARD-FYLS-1206BSRC Datasheet
461Kb / 8P
   SMD led lamp
More results

Similar Description - FYLS-1206LRT

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-3020UWWC FORYARD-FYLS-3020UWWC Datasheet
496Kb / 8P
   SMD led lamp
FYLS-3528BLURC FORYARD-FYLS-3528BLURC Datasheet
519Kb / 9P
   SMD led lamp
FYLS-3528PGC FORYARD-FYLS-3528PGC_15 Datasheet
527Kb / 8P
   SMD led lamp
FYLS-3528RGBC-CA FORYARD-FYLS-3528RGBC-CA_15 Datasheet
496Kb / 8P
   SMD led lamp
FYLS-0402SRC FORYARD-FYLS-0402SRC Datasheet
506Kb / 9P
   SMD led lamp
FYLS-0603APGC FORYARD-FYLS-0603APGC Datasheet
514Kb / 8P
   SMD led lamp
FYLS-0805RGBC FORYARD-FYLS-0805RGBC Datasheet
542Kb / 8P
   SMD led lamp
FYLS-0805URUBC FORYARD-FYLS-0805URUBC Datasheet
528Kb / 8P
   SMD led lamp
FYLS-0805URUYC FORYARD-FYLS-0805URUYC Datasheet
528Kb / 8P
   SMD led lamp
FYLS-0805UYUGC FORYARD-FYLS-0805UYUGC Datasheet
527Kb / 8P
   SMD led lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com