Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-71543-BLKG Datasheet(PDF) 17 Page - Agilent(Hewlett-Packard)

Part # MGA-71543-BLKG
Description  Low Noise Amplifier with Mitigated Bypass Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MGA-71543-BLKG Datasheet(HTML) 17 Page - Agilent(Hewlett-Packard)

Back Button MGA-71543-BLKG Datasheet HTML 13Page - Agilent(Hewlett-Packard) MGA-71543-BLKG Datasheet HTML 14Page - Agilent(Hewlett-Packard) MGA-71543-BLKG Datasheet HTML 15Page - Agilent(Hewlett-Packard) MGA-71543-BLKG Datasheet HTML 16Page - Agilent(Hewlett-Packard) MGA-71543-BLKG Datasheet HTML 17Page - Agilent(Hewlett-Packard) MGA-71543-BLKG Datasheet HTML 18Page - Agilent(Hewlett-Packard) MGA-71543-BLKG Datasheet HTML 19Page - Agilent(Hewlett-Packard) MGA-71543-BLKG Datasheet HTML 20Page - Agilent(Hewlett-Packard) MGA-71543-BLKG Datasheet HTML 21Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
mounting surface, i.e., the tem-
perature at the PCB mounting
pads. The primary heat path from
the RFIC chip to the system
heatsink is by means of conduc-
tion through the package leads
and ground vias to the ground
plane of the PCB.
Grounding Consideration in
PCB Layout
The MGA-71543 requires careful
attention during grounding. Any
device with gain can be made to
oscillate if feedback is added.
Since poor grounding adds series
feedback, it can cause the device
to oscillate. Poor grounding is one
of the most common causes of
oscillation in RF components.
Careful attention should be used
when RF bypassing the ground
terminals when the device is
biased using the source resistor
method.
Package Footprint
The PCB pad print for the minia-
ture, 4-lead SOT-343 (SC70)
package is shown in Figure 12.
1.30
0.051
0.60
0.024
.090
0.035
Dimensions in
inches
mm
1.15
0.045
2.00
0.079
1.00
0.039
Figure 12. Recommended PCB Pad Layout for
Agilent’s SC70 4L/SOT-343 Products.
The layout is shown with a
footprint of the MGA-71543
superimposed on the PCB pads for
reference.
RF bypass
For layouts using the source
resistor method of biasing, both of
the ground terminals of the
MGA-71543 must be well bypassed
to maintain device stability.
Beginning with the package pad
print in Figure 12, and RF layout
similar to the one shown in
Figure 13 is a good starting point
for using the MGA-71543 with
capacitor-bypassed ground
terminals. It is a best practice to
use multiple vias to minimize
overall ground path inductance.
71
Size 0402
recommended
for the bypass
capacitors
Figure 13. Layout for RF Bypass.
PCB Materials
0.031 inches thick of FR-4 or G-10
type dielectric materials are
typical choices for most low cost
wireless applications using single
layer printed boards. As an
alternative, a Getek material with
a multilayer printed circuit board
can be used for a smaller size
board, where:
1st layer: RF routing layer
2nd layer: Ground layer
3rd layer: Power (DC) routing layer
4th layer: Other RF routing layer
The spacing between the layers is
as follows:
Between the 1st and 2nd: 0.005"
Between the 2nd and 3rd: 0.020"
Between the 3rd and 4th: 0.005"
LNA Application
In the following sections the LNA
design is described in a more
general way. Sample evaluation
boards for 1900 MHz and 800 MHz
are shown in a table (Table 1) and
the appropriate board diagram is
shown (Figures 22 and 23). A
second smaller size board is also
shown (Figures 25 and 26) with
the corresponding table (Table 2).
The smaller board is an example
of reducing the size of the layout,
more suitable for handset manu-
facturers. For low noise amplifier
application, the LNA is typically
biased 6 to 20 mA.
The MGA-71543 is a conditionally
stable device, therefore, the
proper input and output loads
must be presented in addition to
properly RF grounding the device.
Please refer to the stability section
for tips on preventing oscillation.
The LNA can be switched ON or
OFF by a simply varying the
resistor to its ground leads as
described in previous sections.
Matching Networks for the LNA
LNA
Γin
ΓL
Γs
or
Γopt
Γopt
50
50
Output
Match
Input
Match
Figure 14. Input and Output Matching
Terminology.
The input matching network
determines the noise figure and
return loss (S11) of our amplifier.
The output-matching network
determines the IP3 and output
return loss (S22). Furthermore,
both input and output matching
networks influence the gain. The
best gain (Maximum Available
Gain-MAG) and lowest input
return loss is obtained when both
the input and output are conju-


Similar Part No. - MGA-71543-BLKG

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA-71543-BLK HP-MGA-71543-BLK Datasheet
290Kb / 25P
   Low Noise Amplifier with Mitigated Bypass Switch
More results

Similar Description - MGA-71543-BLKG

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA71543 HP-MGA71543 Datasheet
290Kb / 25P
   Low Noise Amplifier with Mitigated Bypass Switch
logo
Broadcom Corporation.
DEMO-MGA-71543 BOARDCOM-DEMO-MGA-71543 Datasheet
564Kb / 24P
   Low Noise Amplifier with Mitigated Bypass Switch
MGA-71543 BOARDCOM-MGA-71543 Datasheet
564Kb / 24P
   Low Noise Amplifier with Mitigated Bypass Switch
DEMO-MGA-7X543B BOARDCOM-DEMO-MGA-7X543B Datasheet
564Kb / 24P
   Low Noise Amplifier with Mitigated Bypass Switch
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
   Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13820 NXP-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
Rev. 1.1, 09/2005
logo
Freescale Semiconductor...
MC13850 FREESCALE-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com